VOS2T-R-21L4
AI

## Technical Overview of VOS2T-R-21L4
The **VOS2T-R-21L4** is a specialized high-performance optoelectronic component, typically classified as a **Fiber Optic Transmitter Module**. These modules are designed for high-speed data transmission over optical fibers, often utilized in telecommunications and industrial networking.
---
### 1. Key Electronic Specifications
The performance of the VOS2T-R-21L4 is defined by its optical power, wavelength, and electrical interface requirements.
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fiber Optic Transmitter (T) |
| **Light Source** | Typically a Laser Diode (LD) or High-Speed LED |
| **Operating Wavelength** | Often in the 1310nm or 1550nm range (Standard for "L" series) |
| **Data Rate** | Optimized for high-speed digital signals (Mbps/Gbps range) |
| **Package Style** | Receptacle type (R) with specific lead configuration (21L4) |
---
### 2. Internal Electronic Architecture
The module consists of several critical sub-components that convert electrical signals into light:
1. **Driver Integrated Circuit (IC):**
* Acts as the interface between the input logic (TTL/PECL) and the light source.
* Regulates the current flowing through the laser diode to ensure stable signal modulation.
2. **Laser Diode (LD) / Emitter:**
* The core component that converts electrical energy into coherent or incoherent light.
* Includes a monitor photodiode to provide feedback on optical output power.
3. **Automatic Power Control (APC) Circuit:**
* Maintains a constant optical output regardless of temperature fluctuations or aging of the diode.
4. **Optical Interface:**
* The "Receptacle" (R) design allows for a physical fiber optic connector (like LC or SC) to be plugged directly into the module.
---
### 3. Pinout and Physical Characteristics
The **21L4** designation refers to the physical footprint and pin arrangement:
* **Lead Configuration:** The "21" usually denotes the physical size or series, while "L4" indicates a specific 4-pin or 4-lead layout.
* **Housing:** Usually metal or high-grade plastic to provide Electromagnetic Interference (EMI) shielding.
---
### 4. Applications
* **Industrial Automation:** High-speed data links in environments with high electrical noise.
* **Telecommunications:** Short to medium-haul fiber optic transmission.
* **Medical Equipment:** Isolated data transmission for patient safety.
- ⤷
What is the specific data rate supported by the VOS2T-R-21L4?
- ⤷ Which optical connector type is compatible with this receptacle?
- ⤷ What are the voltage requirements for the driver IC in this module?