VIPER22-LED-EV
AI

## Overview of the VIPER22-LED-EV
The **VIPER22-LED-EV** is an evaluation board designed to demonstrate a low-cost, high-efficiency power supply solution for LED applications. It is built around the **VIPer22A-E**, a monolithic smart power switch that integrates a dedicated current mode PWM controller with a high-voltage Power MOSFET.
---
### Key Electronic Components
The board consists of several functional sections. Below is a breakdown of the primary electronic parts:
| Component Category | Key Parts | Function |
| :--- | :--- | :--- |
| **Power Controller** | VIPer22A-E | Combines the PWM controller and a 730V Power MOSFET in one 8-pin package. |
| **Input Protection** | Fuse / NTC Resistor | Protects against overcurrent and limits inrush current during startup. |
| **Rectification** | Bridge Rectifier (e.g., 1N4007 series) | Converts AC input voltage to a high-voltage DC bus. |
| **Filtering** | Electrolytic Capacitors & Inductors | Smooths the rectified DC voltage and reduces Electromagnetic Interference (EMI). |
| **Transformer** | High-Frequency Flyback Transformer | Provides galvanic isolation and steps down the voltage to the level required by LEDs. |
| **Feedback Loop** | Optocoupler (e.g., PC817) & TL431 | Monitors output voltage/current and sends a signal to the VIPer22A to regulate power. |
| **Output Rectifier** | Schottky Diode | Rectifies the high-frequency AC from the transformer secondary into DC for the LEDs. |
---
### Functional Block Details
#### 1. The VIPer22A-E IC
This is the "brain" of the board. It operates at a fixed frequency of **60 kHz**.
* **Drain Pin:** Connected to the primary winding of the transformer.
* **Source Pin:** Connected to the ground.
* **Feedback (FB) Pin:** Receives the signal from the optocoupler to adjust the duty cycle.
* **VDD Pin:** Supplies power to the internal control circuits.
#### 2. The Feedback Mechanism
To drive LEDs safely, constant current is required. The evaluation board uses a secondary-side sensing circuit:
* **Sensing Resistor:** Converts the output current into a voltage.
* **Error Amplifier:** Usually a **TL431**, which compares the sensed voltage against a reference.
* **Optocoupler:** Provides isolation while passing the error signal back to the primary side VIPer22A IC.
#### 3. Snubber Circuit
Typically consisting of a diode, capacitor, and resistor (RCD snubber), this part protects the internal MOSFET of the VIPer22A from high-voltage spikes caused by transformer leakage inductance during switching.
---
### Technical Specifications Summary
| Feature | Value |
| :--- | :--- |
| **Input Voltage Range** | 85 VAC to 265 VAC (Universal) |
| **Switching Frequency** | 60 kHz |
| **Max Power Output** | ~10W to 12W (depending on thermal design) |
| **Standby Power** | < 100 mW |
---
- ⤷
What are the main advantages of using a monolithic controller like the VIPer22A over discrete components?
- ⤷ How does the board handle thermal management during high-power LED operation?
- ⤷ Can this evaluation board be modified for different output current levels?