UTC-210GP-ATO2E
AI

The **UTC-210GP-ATO2E** is a specific model within Advantech's UTC-200 series. It is an industrial-grade "Ubiquitous Touch Computer" (All-in-One PC) designed for self-service kiosks, interactive signage, and industrial control.
Below is a breakdown of its primary electronic components and technical specifications.
---
## 1. Core Processing & Memory
This model is typically built on the **Intel® Pentium® N4200** (Apollo Lake) platform, designed for a balance between power efficiency and performance.
| Component | Specification |
| :--- | :--- |
| **Processor** | Intel® Pentium® N4200 Quad Core (up to 2.5 GHz) |
| **Memory (RAM)** | 1 x SO-DIMM DDR3L 1866 MHz (up to 8GB) |
| **Graphics** | Integrated Intel® HD Graphics 505 |
| **Storage** | Supports 1 x 2.5" Internal SATA HDD/SSD and 1 x mSATA |
---
## 2. Display & Touch Interface
The display is the central electronic interface, engineered for 24/7 operation in public environments.
| Feature | Details |
| :--- | :--- |
| **LCD Panel** | 10.1" TFT LCD with LED Backlight |
| **Resolution** | 1280 x 800 (WXGA) |
| **Brightness** | 350 - 450 cd/m² (Typical) |
| **Touch Controller** | Projected Capacitive (P-CAP) Multi-touch |
| **Surface** | Anti-glare/Anti-fingerprint coating (model specific) |
---
## 3. Input/Output (I/O) Connectivity
The electronic motherboard (Mainboard) features a variety of industrial-standard ports:
* **Networking:** 2 x Gigabit Ethernet ports (RJ45).
* **USB Ports:** 2 x USB 3.0 ports for high-speed peripherals.
* **Serial Ports:** 2 x COM ports (RS-232/422/485) for connecting to legacy industrial equipment or sensors.
* **Audio:** Integrated 2W speakers and Line-out/Mic-in.
* **Expansion:** 1 x M.2 slot (E key) for Wireless/Bluetooth modules.
---
## 4. Power & Environmental Specs
The power delivery system is designed to handle industrial voltage fluctuations.
* **Input Voltage:** 12V DC (via DC Jack).
* **Power Consumption:** Typical load ~20W - 30W.
* **Operating Temp:** 0 ~ 40°C (32 ~ 104°F).
* **IP Rating:** The front panel is IP65-rated (protected against water and dust ingress).
---
## 5. Peripherals (Optional Modules)
One of the key electronic features of the UTC-210 series is the **Side-groove design**, which allows for the integration of modular electronics:
* **RFID/NFC Reader**
* **1D/2D Barcode Scanner**
* **Smart Card Reader**
* **5M Camera Module**
---
- ⤷
What are the compatible mounting options for the UTC-210GP-ATO2E?
- ⤷ Does this model support Power over Ethernet (PoE)?
- ⤷ Can the RAM be upgraded beyond 8GB?