UT6401G-AG6-R
AI

## UT6401G-AG6-R: Technical Overview
The **UT6401G-AG6-R** is a P-Channel enhancement mode Field Effect Transistor (MOSFET) designed by Unisonic Technologies (UTC). It is primarily used for power management and switching applications in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Drain-Source Voltage ($V_{DSS}$)** | -30 V |
| **Gate-Source Voltage ($V_{GSS}$)** | ±12 V |
| **Continuous Drain Current ($I_D$)** | -4.2 A |
| **Drain-Source On-State Resistance ($R_{DS(ON)}$)** | 50 mΩ @ $V_{GS}$ = -10V |
| **Package Type** | SOT-26 |
| **Halogen Free** | Yes (indicated by the 'G' suffix) |
---
### 2. Physical Characteristics & Pinout
The device is housed in a **SOT-26** (also known as TSOP-6) package, which is a small surface-mount package ideal for high-density circuit boards.
**Pin Configuration:**
1. **Drain (D)**
2. **Drain (D)**
3. **Gate (G)**
4. **Source (S)**
5. **Drain (D)**
6. **Drain (D)**
*(Note: Multiple pins are connected to the Drain to improve thermal dissipation and current handling.)*
---
### 3. Core Features
* **Low On-Resistance:** Reduces power loss during the "ON" state, increasing efficiency.
* **Fast Switching Speed:** Allows for high-frequency operation in DC-DC converters.
* **Low Threshold Voltage:** Can be driven by low-voltage logic circuits.
* **P-Channel Architecture:** Simplifies high-side switching circuits as it doesn't require a charge pump (unlike N-Channel MOSFETs).
---
### 4. Common Applications
* **Power Management:** Used in battery-powered devices like smartphones and laptops.
* **Load Switching:** Acts as a gatekeeper to turn specific sub-systems on or off to save power.
* **DC-DC Converters:** Used in buck or boost regulators.
* **Battery Protection:** Integrated into BMS (Battery Management Systems) to prevent over-discharge.
---
### 5. Part Number Breakdown
* **UT6401**: Part series number.
* **G**: Halogen-free and Lead-free (Green).
* **AG6**: Package code for SOT-26.
* **R**: Tape and Reel packaging.
- ⤷What are the equivalent alternative MOSFETs for the UT6401G?
- ⤷ How does the thermal resistance of the SOT-26 package affect its current rating?
- ⤷ Can this MOSFET be driven directly by a 3.3V microcontroller?