UT3232G-P16-R
AI

The **UT3232G-P16-R** is a high-speed, low-power interface IC designed for RS-232 serial communication. It is a popular choice for bridging the gap between low-voltage microcontrollers (logic level) and standard RS-232 serial ports (high-voltage level).
---
### 1. Key Technical Specifications
This device follows the industry-standard "3232" architecture, which allows it to operate with a single low-voltage power supply.
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 3.0V to 5.5V |
| **Data Rate** | Up to 250 kbps |
| **Channels** | 2 Drivers / 2 Receivers |
| **External Capacitors** | 4 × 0.1µF |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | TSSOP-16 (P16) |
| **Compliance** | TIA/EIA-232-F and ITU V.28 |
---
### 2. Functional Architecture
The UT3232G-P16-R consists of three primary functional blocks:
#### A. Dual Charge Pump
The chip uses an internal charge pump with four external capacitors to generate the positive and negative voltages required for RS-232 signals (roughly ±5.5V to ±9V) from a single +3.3V or +5V supply.
#### B. Transmitter (Driver) Section
* **Function:** Converts CMOS/TTL logic signals (0V to 3.3V/5V) into RS-232 levels.
* **Protection:** Includes output short-circuit protection and thermal shutdown.
#### C. Receiver Section
* **Function:** Converts incoming RS-232 high-voltage signals back into CMOS/TTL levels.
* **Hysteresis:** Features input hysteresis to minimize noise interference and ensure clean signal transitions.
---
### 3. Pin Configuration (TSSOP-16)
The typical pinout for the UT3232G-P16-R follows standard 3232 conventions:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | C1+ | Positive Terminal of Voltage-Doubler Capacitor |
| 2 | V+ | Positive Charge-Pump Output |
| 3 | C1- | Negative Terminal of Voltage-Doubler Capacitor |
| 4 | C2+ | Positive Terminal of Inverting Capacitor |
| 5 | C2- | Negative Terminal of Inverting Capacitor |
| 6 | V- | Negative Charge-Pump Output |
| 7, 8 | T2OUT, T1OUT | RS-232 Driver Outputs |
| 9, 10 | R1IN, R2IN | RS-232 Receiver Inputs |
| 11, 12 | R2OUT, R1OUT | TTL/CMOS Receiver Outputs |
| 13, 14 | T1IN, T2IN | TTL/CMOS Driver Inputs |
| 15 | GND | Ground |
| 16 | Vcc | Power Supply |
---
### 4. Part Number Breakdown (UTC Naming Convention)
* **UT3232**: Base model (3V/5V Low Power RS-232 Transceiver).
* **G**: Halogen-free and Lead-free (Green).
* **P16**: TSSOP-16 package type.
* **R**: Tape & Reel packaging.
- ⤷
What are the specific capacitor requirements for 3.3V vs 5V operation?
- ⤷ How does the UT3232 compare to the MAX3232 in terms of pin compatibility?
- ⤷ What is the maximum power consumption of this IC in standby mode?