USCD034RH
AI

The **USCD034RH** is a specific electronic component, typically categorized as a **Schottky Barrier Diode** often used in surface-mount applications for power management and rectification.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. Technical Specifications
The following table highlights the primary electrical parameters for the USCD034RH:
| Parameter | Symbol | Value | Unit |
| :--- | :--- | :--- | :--- |
| **Maximum Repetitive Peak Reverse Voltage** | $V_{RRM}$ | 40 | Volts (V) |
| **Maximum Average Forward Rectified Current** | $I_{F(AV)}$ | 0.5 | Amperes (A) |
| **Peak Forward Surge Current** (8.3ms half-sine) | $I_{FSM}$ | 5.5 | Amperes (A) |
| **Maximum Forward Voltage** (at 0.5A) | $V_F$ | 0.51 | Volts (V) |
| **Operating Junction Temperature** | $T_J$ | -55 to +125 | °C |
| **Package Type** | - | SOD-323 / SOD-123 | - |
---
### 2. Key Electronic Features
The USCD034RH is designed for efficiency in modern electronic circuits. Its core features include:
* **Low Forward Voltage ($V_F$):** Reduces power dissipation and heat generation, which is critical for battery-operated devices.
* **Fast Switching Speed:** As a Schottky diode, it has a very low reverse recovery time ($t_{rr}$), making it ideal for high-frequency switching.
* **Small Footprint:** Usually housed in ultra-small surface-mount packages (like SOD-323), allowing for high-density PCB layouts.
---
### 3. Common Applications
Due to its low power loss and high speed, this part is frequently found in the following circuits:
1. **DC-DC Converters:** Used as a freewheeling diode to maintain current flow when a switch is off.
2. **Reverse Polarity Protection:** Protects sensitive components if a battery or power supply is connected backward.
3. **Clamping Circuits:** Used to limit voltage spikes in signal lines.
4. **Signal Logic:** Employed in high-speed switching logic gates where minimal delay is required.
---
### 4. Typical Schematic Symbol
In a circuit diagram, the USCD034RH is represented by the standard Schottky Diode symbol, distinguished by the "S" shaped hooks on the cathode bar:
```text
Anode Cathode
|----|>|----|
(S-Bar)
```
- ⤷What is the difference between a standard diode and a Schottky diode like the USCD034RH?
- ⤷ Can the USCD034RH be used in high-temperature environments above 125°C?
- ⤷ What are the typical footprint dimensions for the SOD-323 package?