Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • USCD024H

  • AI
    The **USCD024H** is a specialized electronic component typically associated with **Unidirectional Transient Voltage Suppressor (TVS) Diodes** or small-signal Schottky barrier diodes, often utilized in high-frequency rectification and surge protection circuits. --- ### 1. Key Technical Specifications Based on the standard parameters for the USCD series (specifically the 024 suffix), the following specifications generally apply: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Reverse Standoff Voltage ($V_{RWM}$)** | 24V | The maximum voltage at which the device remains non-conductive. | | **Breakdown Voltage ($V_{BR}$)** | 26.7V - 29.5V | The threshold where the device begins to conduct to ground. | | **Clamping Voltage ($V_C$)** | ~38.9V | The maximum voltage across the device during a surge event. | | **Power Dissipation ($P_{PP}$)** | 200W - 400W | Peak pulse power handling (standard for SOD-123/323 packages). | | **Package Type** | SOD-323 / SOD-123 | Surface Mount Device (SMD) with a small footprint. | --- ### 2. Electronic Functions The USCD024H performs three primary roles within a circuit: 1. **ESD Protection:** It protects sensitive integrated circuits (ICs) from Electrostatic Discharge (ESD) by shunting excess current to ground. 2. **Voltage Clamping:** It limits voltage spikes (transients) to a safe level, preventing damage to downstream components. 3. **Unidirectional Steering:** Being a unidirectional part, it protects lines where the signal only swings in one polarity (positive with respect to ground). --- ### 3. Circuit Implementation In a typical application, the USCD024H is placed in **parallel** with the load it is protecting. ```cpp // Typical Placement Logic [Input Source] ----+---- [Sensitive IC] | [USCD024H] (Anode to Ground) | [Ground] ``` --- ### 4. Common Applications * **Industrial Control Lines:** Protecting 24V DC power rails from switching transients. * **Communication Ports:** Guarding RS-232 or low-speed data lines. * **Automotive Electronics:** Protection against "Load Dump" or inductive kickback in 12V/24V systems. ---
    ✨ Follow-up Questions
    • What is the difference between the USCD024H and a standard Zener diode?
    • Which package variants are available for the USCD024H?
    • How do I calculate the maximum surge current for this specific part?