UP4B-100-R
AI

## Technical Overview of the UP4B-100-R Inductor
The **UP4B-100-R** is a high-power, shielded surface-mount (SMD) inductor manufactured by Eaton (formerly Cooper Bussmann/Coiltronics). It is part of the **Uni-Pac™ (UP) series**, specifically designed for high-density power applications.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 10.0 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 7.6 Amps |
| **Saturation Current (Isat)** | 11.0 Amps |
| **DC Resistance (DCR)** | 0.0123 Ω (Max) |
| **Operating Temperature** | -40°C to +125°C |
| **Package/Case** | 22.2mm x 15.2mm (Height: 8.0mm) |
---
### 2. Core Features and Construction
* **Magnetic Shielding:** The "UP4B" designation indicates a shielded construction. This minimizes Electromagnetic Interference (EMI), making it suitable for noise-sensitive environments like medical or telecommunications equipment.
* **High Power Density:** The inductor uses a flat-wire or robust winding technology to achieve very low DCR (DC Resistance). This results in lower heat generation and higher efficiency.
* **RoHS Compliant:** The "-R" suffix at the end of the part number signifies that the component is fully compliant with RoHS (Restriction of Hazardous Substances) standards.
* **Ferrite Core Material:** Utilizes a ferrite core which provides excellent saturation characteristics, ensuring the inductance remains stable even under high current loads.
---
### 3. Common Applications
The UP4B-100-R is typically found in the following electronic circuits:
1. **DC-DC Converters:** Used as a storage element in buck, boost, and buck-boost regulators.
2. **Point of Load (POL) Power Supplies:** Ideal for high-current GPU or CPU power rails.
3. **Industrial Controls:** Used in motor drivers and PLC power modules.
4. **Battery Powered Systems:** Where efficiency is critical to extending battery life.
---
### 4. Footprint and Mounting (SMD)
The component is designed for **Surface Mount Technology (SMT)**. Below is a simplified representation of the landing pattern characteristics:
```text
Physical Dimensions (Approx):
Length: 22.23 mm
Width: 15.24 mm
Height: 7.87 mm (Max)
```
---
- ⤷
What is the difference between Irms and Isat for this inductor?
- ⤷ Can this inductor be used in high-frequency switching power supplies above 1MHz?
- ⤷ What are the recommended alternatives if the UP4B-100-R is out of stock?