Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • UDS-D3-R/E2

  • AI
    The **UDS-D3-R/E2** is a high-performance electronic component specifically designed as a **Step-Down (Buck) DC-DC Converter** used primarily in telecommunications and industrial power systems. Below is a detailed breakdown of its electronic parts and specifications. --- ### 1. Key Technical Specifications The device is engineered to convert high input voltages into stable, regulated low voltages. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 75V DC (Nominal 48V) | | **Output Voltage** | 3.3V DC | | **Output Current** | 20A to 30A (Model dependent) | | **Efficiency** | Up to 91% | | **Package Style** | DOSA Standard 1/16th Brick | | **Isolation** | 2250V DC (Basic) | --- ### 2. Internal Electronic Architecture The "parts" of this module are integrated into a high-density PCB assembly consisting of: #### A. Power Stage * **MOSFETs:** High-frequency switching transistors (typically Gallium Nitride or advanced Silicon) are used for synchronous rectification to minimize heat loss. * **Power Inductor:** A low-profile magnetic core used for energy storage and ripple filtering. #### B. Control Circuitry * **PWM Controller:** The "brain" of the unit that regulates the switching frequency to maintain a steady 3.3V output regardless of load changes. * **Feedback Loop:** Opto-isolators or magnetic coupling used to provide feedback from the output back to the input while maintaining galvanic isolation. #### C. Protection Components * **TVS Diodes:** For Transient Voltage Suppression against input spikes. * **Thermal Sensors:** Integrated thermistors that trigger an "Over Temperature Protection" (OTP) shutdown if the unit exceeds safe operating limits. --- ### 3. Model Suffix Breakdown (D3-R/E2) The alphanumeric code indicates specific electronic configurations: * **D3:** Refers to the output voltage class (typically 3.3V). * **R:** Indicates **Negative Logic** for the Remote On/Off pin (the unit is ON when the pin is pulled low). * **E2:** Refers to specific physical pin lengths or lead-free (RoHS) compliance standards. --- ### 4. Pin Configuration | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | +Vin | Positive Input Voltage | | **2** | ON/OFF | Control signal to enable/disable the unit | | **3** | -Vin | Negative Input (Return) | | **4** | -Vout | Negative Output (Ground) | | **5** | +Vout | Positive Output (3.3V) | --- ### 5. Application Circuit Diagram (Conceptual) ```mermaid graph LR A[48V DC Input] --> B[Input Filter] B --> C[Switching MOSFETs] C --> D[Transformer/Inductor] D --> E[Synchronous Rectifier] E --> F[3.3V DC Output] F -.-> G[PWM Controller/Feedback] G -.-> C ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the UDS-D3-R/E2 under full load?
    • ⤷ How do you implement the 'Remote Sense' feature to compensate for voltage drops?
    • ⤷ What is the difference between Positive and Negative logic in the On/Off pin?