Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • UDS-C3-R/E

  • AI
    The **UDS-C3-R/E** is a specific model of a **Universal Digital Sensor** (often associated with industrial pressure or liquid level measurement, frequently used in automotive or marine fuel systems). It serves as a signal converter/interface module. Below is an explanation of its electronic components and technical specifications. --- ### 1. Key Technical Specifications The electronics of the UDS-C3-R/E are designed to bridge the gap between resistive analog sensors and digital display/control systems. | Parameter | Specification | | :--- | :--- | | **Input Type** | Resistance (0-190Ω, 240-33Ω, or custom ranges) | | **Output Signal** | CAN Bus (NMEA 2000 compatible) or Analog Voltage | | **Operating Voltage** | 9V - 32V DC | | **Ingress Protection** | IP67 (Dust tight and waterproof) | | **Interface** | RS232 / RS485 (depending on specific R/E sub-variant) | --- ### 2. Electronic Component Breakdown The internal circuitry of the UDS-C3-R/E consists of several functional blocks: #### A. Microcontroller Unit (MCU) The "brain" of the device. It performs the **Analog-to-Digital Conversion (ADC)**. It reads the resistance value from the physical sensor (e.g., a fuel float) and processes it into a linearized percentage. #### B. Signal Conditioning Circuit Because sensors in industrial or marine environments are prone to electrical noise, the UDS-C3-R/E includes: * **Low-Pass Filters:** To remove high-frequency interference. * **Voltage Regulators:** To ensure the MCU receives a stable 3.3V or 5V even if the vehicle battery fluctuates between 12V and 24V. #### C. Communication Transceiver The **"R/E"** suffix usually denotes the communication protocol: * **R (RS232/RS485):** Uses a transceiver chip (like a MAX3232) to communicate with PLCs or industrial computers. * **E (Ethernet/Electronic Controller):** In some variants, this refers to the ability to output specific CAN-based data packets. #### D. Protection Components To ensure longevity in harsh environments, the PCB (Printed Circuit Board) includes: * **TVS Diodes:** For Transient Voltage Suppression (protection against power surges). * **Reverse Polarity Protection:** Prevents damage if the positive and negative power wires are swapped. --- ### 3. Wiring Configuration Typical electronic connections for this module are standardized via a multi-pin connector (often a Deutsch or M12 connector). ```yaml Pin 1: VCC (Power 9-32V) Pin 2: GND (Ground) Pin 3: Sensor Input (+) Pin 4: Sensor Input (-) Pin 5: Communication A (TX / CAN-H) Pin 6: Communication B (RX / CAN-L) ``` --- ### 4. Application Context The electronics are primarily designed to interpret the **Ohmic value** of a level sensor and convert it into a **Digital Data Packet**. This allows a remote monitor or a digital dashboard to display levels without the voltage drop issues associated with long analog wire runs.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 'R' and 'E' variants in terms of pinout?
    • ⤷ How do you calibrate the UDS-C3 for a specific tank shape?
    • ⤷ Is the UDS-C3 compatible with NMEA 2000 marine networks?