Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • UC3656G-AF5-R

  • AI
    The **UC3656G-AF5-R** is a high-performance linear voltage regulator (LDO) manufactured by UTC (Unisonic Technologies). It is designed specifically for applications requiring low dropout voltage and high precision output. --- ### ## Technical Specifications Below are the primary electrical characteristics for the UC3656G-AF5-R: | Parameter | Specification | | :--- | :--- | | **Part Number Breakdown** | **G**: Halogen Free, **AF5**: SOT-25 Package, **R**: Tape & Reel | | **Input Voltage Range** | Up to 6V | | **Output Voltage** | Fixed or Adjustable (depending on variant) | | **Output Current** | Typically 600mA | | **Dropout Voltage** | Low (approx. 300mV @ 600mA) | | **Package Type** | SOT-25 (5-pin) | | **Operating Temp** | -40°C to +85°C | --- ### ### Key Features and Components The internal circuitry of this IC consists of several critical electronic sections: 1. **Pass Transistor:** A P-channel MOSFET that manages the current flow from input to output with minimal voltage loss. 2. **Voltage Reference:** A high-precision internal bandgap reference that ensures the output remains stable despite temperature fluctuations. 3. **Error Amplifier:** Constantly monitors the output voltage and adjusts the gate of the pass transistor to maintain the target voltage. 4. **Protection Circuits:** * **Current Limit:** Protects the device during short-circuit conditions. * **Thermal Shutdown:** Automatically turns off the IC if the junction temperature exceeds safe limits. --- ### ### Application Circuit Example To use the UC3656G-AF5-R effectively, external capacitors are required for stability. Below is a simplified representation of the typical setup: ```c // Typical Pin Configuration (SOT-25) 1. VIN (Input Supply) 2. GND (Ground) 3. EN (Enable - High to turn on) 4. BP/ADJ (Bypass or Voltage Adjustment) 5. VOUT (Regulated Output) // Required Components - C_in: 1uF Ceramic Capacitor (minimizes input noise) - C_out: 2.2uF - 10uF Ceramic Capacitor (essential for loop stability) ``` --- ### ### Common Use Cases * **Battery Powered Devices:** Due to low quiescent current and low dropout. * **Wireless Modules:** Providing clean power to RF stages. * **Post-Regulation:** Used after a switching regulator to remove high-frequency ripple.
    ✨ Follow-up Questions
    • ⤷ What are the specific differences between the UC3656G and the UC3843 series?
    • ⤷ How do I calculate the heat dissipation for this SOT-25 package?
    • ⤷ Can this LDO be used with tantalum capacitors instead of ceramic?