UB2012XG-S08-R
AI

The **UB2012XG-S08-R** is a specific integrated circuit manufactured by **Unisonic Technologies (UTC)**. It belongs to the family of high-speed, low-voltage operational amplifiers or line drivers, often used in video and signal processing applications.
---
### 1. General Specifications
The following table highlights the core technical characteristics of the UB2012XG-S08-R:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | UTC (Unisonic Technologies) |
| **Package Type** | SOP-8 (Surface Mount) |
| **Component Type** | Single-Supply Operational Amplifier / Buffer |
| **Main Function** | High-speed signal amplification and buffering |
| **RoHS Status** | Lead-free / Halogen-free (denoted by -R) |
---
### 2. Key Features
* **High Slew Rate:** Capable of handling rapid changes in input voltage, making it suitable for high-speed signals.
* **Wide Bandwidth:** Designed to operate over a wide frequency range without significant gain loss.
* **Single Supply Operation:** It can function using a single power rail (e.g., +5V), which simplifies PCB design.
* **Low Distortion:** Ensures signal integrity, which is critical for video and audio reproduction.
* **Rail-to-Rail Output:** Allows the output signal to swing very close to the supply voltages, maximizing the dynamic range.
---
### 3. Pin Configuration (SOP-8)
Typically, the SOP-8 package for this series follows a standard operational amplifier pinout:
1. **Pin 1:** Output A
2. **Pin 2:** Inverting Input A
3. **Pin 3:** Non-inverting Input A
4. **Pin 4:** $V_{SS}$ (Ground)
5. **Pin 5:** Non-inverting Input B
6. **Pin 6:** Inverting Input B
7. **Pin 7:** Output B
8. **Pin 8:** $V_{DD}$ (Positive Supply)
---
### 4. Common Applications
Due to its performance characteristics, it is frequently found in:
* **Video Buffers:** Driving video signals over cables in CCTV or display systems.
* **Active Filters:** High-order signal filtering in communication devices.
* **Portable Electronics:** Used in battery-powered devices due to its efficient power consumption.
* **ADC Input Buffering:** Stabilizing signals before they enter an Analog-to-Digital Converter.
---
### 5. Part Number Decoding
The suffix provides specific manufacturing details:
* **S08:** Indicates the **SOP-8** package size.
* **G:** Signifies **Halogen-free** and RoHS compliance.
* **R:** Indicates **Tape & Reel** packaging for automated SMT assembly.
- ⤷
What is the maximum supply voltage for the UB2012XG?
- ⤷ Is there a pin-compatible alternative from another manufacturer like TI or ADI?
- ⤷ What is the typical bandwidth (MHz) of this UTC operational amplifier?