U74LVC1G00G-AF5-R
AI

The **U74LVC1G00G-AF5-R** is a specific electronic component manufactured by UTC (Unisonic Technologies). It belongs to the **LVC** (Low Voltage CMOS) logic family and serves a fundamental role in digital circuitry.
---
### 1. General Identification
| Parameter | Description |
| :--- | :--- |
| **Part Number** | U74LVC1G00G-AF5-R |
| **Logic Function** | 2-Input NAND Gate |
| **Package Type** | SOT-25 (or SOT-23-5) |
| **Mounting Type** | Surface Mount (SMD) |
| **Logic Family** | Low Voltage CMOS (LVC) |
---
### 2. Key Technical Specifications
The "LVC" designation indicates that this part is designed for high-speed, low-voltage operation with high output drive capability.
* **Operating Voltage ($V_{CC}$):** 1.65V to 5.5V (Supports 1.8V, 2.5V, 3.3V, and 5V systems).
* **Output Drive Strength:** Up to ±24mA at 3.3V.
* **Propagation Delay:** Very fast, typically around 3.3ns to 4ns (at 3.3V).
* **Input Tolerance:** Inputs are 5V tolerant even when $V_{CC}$ is lower (e.g., 3.3V), making it excellent for **level shifting**.
* **Power-Off Isolation ($I_{off}$):** Supports partial-power-down mode operation.
---
### 3. Pin Configuration (SOT-25)
Standard 5-pin layout for a single-gate NAND:
| Pin Number | Symbol | Function |
| :--- | :--- | :--- |
| 1 | **A** | Logic Input 1 |
| 2 | **B** | Logic Input 2 |
| 3 | **GND** | Ground |
| 4 | **Y** | Logic Output ($\overline{A \cdot B}$) |
| 5 | **VCC** | Power Supply |
---
### 4. Logic Table (NAND Operation)
The NAND gate produces a LOW output only when both inputs are HIGH.
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **H** |
| L | H | **H** |
| H | L | **H** |
| H | H | **L** |
---
### 5. Part Number Decoding (UTC Naming Convention)
* **U74LVC**: Logic Series (Low Voltage CMOS).
* **1G00**: Single (1G) 2-Input NAND Gate (00).
* **G**: Halogen-free and Lead-free (Green).
* **AF5**: Package code for SOT-25.
* **R**: Tape and Reel packaging.
---
### 6. Common Applications
* **Signal Gating:** Enabling or disabling a signal path based on a control bit.
* **Level Translation:** Interfacing between a 3.3V MCU and a 5V peripheral.
* **Logic Inversion:** If pins A and B are tied together, it acts as a NOT gate (Inverter).
* **Industrial/Mobile Electronics:** Due to the small footprint and low power consumption.
---
- ⤷What are the equivalent alternative part numbers from other manufacturers?
- ⤷ What is the maximum current consumption of this device in standby?
- ⤷ Can the inputs handle 5V if the power supply is only 1.8V?