TSOP754..
AI

The **TSOP754 series** consists of miniaturized IR receiver modules for infrared remote control systems. These components integrate a PIN diode and a preamplifier on a single lead frame, while the epoxy package acts as an IR filter.
---
### 1. Key Technical Specifications
The TSOP754 series is highly regarded for its low power consumption and high immunity against ambient light.
| Parameter | Value / Description |
| :--- | :--- |
| **Supply Voltage ($V_S$)** | 2.5 V to 5.5 V |
| **Supply Current ($I_S$)** | 0.35 mA (Typ.) |
| **Transmission Distance** | Up to 45 meters |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Directivity** | Angle of half transmission distance: $\pm$ 45° |
| **Output Low Voltage** | 100 mV (at $I_{OSL} = 0.5$ mA) |
---
### 2. Internal Block Diagram components
The "Electronic Parts" inside the TSOP754 package include several functional stages:
1. **PIN Photodiode:** Converts the incoming IR light pulses into an electrical signal.
2. **Preamplifier:** Boosts the weak signal from the photodiode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to compensate for noise and varying distances.
4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38kHz) to suppress interference from CFLs or sunlight.
5. **Demodulator:** Strips the carrier frequency to output the original data signal (logic low/high).
---
### 3. Pin Configuration
The TSOP754 typically uses a 3-pin layout:
* **Pin 1 (OUT):** Data output (active low).
* **Pin 2 (GND):** Ground connection.
* **Pin 3 ($V_S$):** Power supply input.
---
### 4. Typical Application Circuit
To ensure stability and protect the component from power supply ripples, a simple RC filter is recommended.
```c
// Schematic Representation
+5V Supply
|
[R1: 100 Ohm]
|
+-------[ Pin 3: Vs ]
|
[C1: 4.7uF]
|
GND <----[ Pin 2: GND ]
Microcontroller Pin <----[ Pin 1: OUT ]
```
---
### 5. Part Numbering (Frequency Variations)
The last two digits of the TSOP754 series indicate the carrier frequency it is tuned for:
* **TSOP75430:** 30 kHz
* **TSOP75436:** 36 kHz
* **TSOP75438:** 38 kHz (Most common for TV remotes)
* **TSOP75440:** 40 kHz
* **TSOP75456:** 56 kHz
- ⤷
What is the difference between TSOP754 and TSOP752 series?
- ⤷ How does the AGC4 algorithm in TSOP754 handle noisy environments?
- ⤷ Can TSOP754 be used for continuous data transmission or only burst signals?