AI

The **TS-7Z-R** (often associated with the Technologic Systems / TS-7000 series) is a high-performance, industrial-grade System-on-Module (SoM) or Single Board Computer based on the **Xilinx Zynq-7000 All Programmable SoC**.
This hardware is unique because it combines a traditional ARM processor with an FPGA fabric on a single chip, allowing for both high-level software execution and low-level hardware acceleration.
---
### 1. Core Processing Architecture
The heart of the TS-7Z-R is the **Zynq-7000 SoC**, which splits tasks between two main sections:
| Component | Type | Description |
| :--- | :--- | :--- |
| **PS (Processing System)** | Dual ARM Cortex-A9 | Handles the OS (Linux), networking, and high-level logic. |
| **PL (Programmable Logic)** | Artix-7 FPGA | Handles real-time I/O, custom IP cores, and high-speed DSP. |
### 2. Key Electronic Specifications
The board is designed for industrial reliability, featuring high-density connectors and robust power management.
* **Memory:** Typically equipped with **512MB to 1GB DDR3 RAM** shared between the FPGA and ARM cores.
* **Storage:** Includes **eMMC Flash** (usually 4GB+) for the OS and a microSD slot for expandable storage.
* **Networking:** Gigabit Ethernet support via an onboard PHY connected to the PS.
* **Power Input:** Designed for wide-range industrial voltage inputs (typically 5V DC).
---
### 3. Connectivity & I/O Interface
The TS-7Z-R breaks out the Zynq's capabilities through high-density expansion headers.
#### Hardware Interfaces:
1. **High-Speed Serial:** Support for USB 2.0 OTG and Gigabit Ethernet.
2. **Industrial Bus:** CAN Bus, RS-232, and RS-485 interfaces.
3. **FPGA I/O:** Dozens of GPIO pins directly linked to the FPGA fabric, allowing for custom protocols (e.g., PWM, encoder chips, or specialized sensors).
4. **Analog:** Integrated XADC (Xilinx Analog-to-Digital Converter) for monitoring internal voltages and external signals.
---
### 4. Software & Development Environment
Because of its hybrid nature, development involves two distinct paths:
```c
// Example: Accessing FPGA registers from Linux C code
#define FPGA_BASE_ADDR 0x40000000
int main() {
int fd = open("/dev/mem", O_RDWR | O_SYNC);
unsigned int *fpga_ptr = mmap(NULL, 0x1000, PROT_READ|PROT_WRITE, MAP_SHARED, fd, FPGA_BASE_ADDR);
// Writing to a custom FPGA register
*fpga_ptr = 0x01;
return 0;
}
```
* **OS Support:** Primarily runs **Debian Linux** or specialized Real-Time OS (RTOS).
* **FPGA Toolchain:** Requires **Xilinx Vivado** for hardware synthesis and bitstream generation.
---
### 5. Common Use Cases
* **Motor Control:** Using the FPGA for high-frequency PWM and the ARM for the control UI.
* **Data Acquisition:** High-speed sampling of sensors via FPGA fabric with data logging in Linux.
* **Edge Computing:** Running lightweight AI/ML models on the ARM core with hardware acceleration in the PL.
- ⤷What are the specific FPGA logic cell counts available for the TS-7Z-R?
- ⤷ Does this module support hardware-level encryption or Secure Boot?
- ⤷ What is the typical power consumption of the TS-7Z-R under full load?