TR-1-R
AI

The **TR-1-R** typically refers to a high-voltage, fast-recovery rectifier diode commonly used in microwave oven circuits and specialized high-voltage power supplies. It belongs to a class of components designed to handle high peak inverse voltages (PIV).
---
### Technical Specifications
Below are the typical electronic characteristics for a TR-1-R high-voltage diode:
| Parameter | Value (Typical) |
| :--- | :--- |
| **Component Type** | High-Voltage Rectifier Diode |
| **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8,000V - 12,000V (8kV - 12kV) |
| **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA |
| **Forward Voltage Drop ($V_{F}$)** | ~10V - 14V |
| **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (approx. 100ns) |
| **Operating Temperature** | -40°C to +130°C |
---
### Key Electronic Functions
1. **Rectification:** Its primary role is to convert AC voltage from the high-voltage transformer into DC voltage to power the magnetron.
2. **Voltage Doubling:** In microwave circuits, the TR-1-R works in tandem with a high-voltage capacitor to double the output voltage (reaching upwards of 4,000V DC).
3. **Circuit Protection:** It prevents the high-voltage capacitor from discharging back through the transformer during the negative half-cycle.
### Internal Composition
Unlike standard signal diodes (like the 1N4148), the TR-1-R is not a single PN junction. Because it must withstand 8kV+, it consists of a **series string of multiple silicon diode pellets** encapsulated in a single resin body. This is why the "Forward Voltage Drop" is so high (10V+) compared to the 0.7V of a standard diode.
### Testing Procedures
Standard multimeters cannot test a TR-1-R using the "Diode Test" mode because the meter’s battery (usually 3V or 9V) is insufficient to overcome the 10V+ forward threshold.
```python
# Logic for testing a TR-1-R diode:
If Meter_Voltage < Diode_Forward_Voltage:
Result = "Shows 'Open' in both directions (even if good)"
Else:
Result = "Shows continuity in one direction"
```
*To test correctly, you must use a 12V-24V DC power source in series with a resistor and measure the voltage drop.*
---
- ⤷
How do I safely test a TR-1-R diode using a 12V battery?
- ⤷ What are the common failure symptoms of this diode in a microwave?
- ⤷ Can a TR-1-R be replaced with a CL01-12 high-voltage diode?