TPC-312-R853B
AI

The **TPC-312-R853B** is an industrial-grade panel PC manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh environments. Below is a breakdown of its primary electronic components and specifications.
---
### 1. Core Processing & Memory
The "brain" of the device is centered around low-power, high-efficiency architecture to support fanless operation.
| Component | Specification |
| :--- | :--- |
| **Processor (CPU)** | Intel® Elkhart Lake Celeron® J6412 (Quad Core, 2.0 GHz) |
| **System Memory** | 8GB DDR4 SO-DIMM (Expandable up to 32GB) |
| **Graphics** | Integrated Intel® UHD Graphics |
| **BIOS** | AMI UEFI |
### 2. Display & Touch Interface
The front-facing electronics define the user interaction experience.
* **LCD Panel:** 12.1" XGA TFT LCD with a resolution of 1024 x 768.
* **Backlight:** LED-based with a lifespan of approximately 50,000 hours.
* **Touch Controller:** 5-wire resistive touch screen (indicated by the **"R"** in the model name). This allows for operation with gloves or in wet conditions where capacitive touch might fail.
### 3. I/O Connectivity (Electronic Interfaces)
The TPC-312-R853B provides various ports to interface with industrial machinery.
| Interface Type | Quantity/Description |
| :--- | :--- |
| **Ethernet** | 2 x 2.5GbE (Intel i225) |
| **USB Ports** | 2 x USB 3.2 (Gen 2), 2 x USB 2.0 |
| **Serial Ports** | 1 x RS-232, 1 x RS-232/422/485 |
| **Audio** | 1 x Line-out |
| **Expansion** | 1 x M.2 (B Key), 1 x mPCIe (for Wi-Fi or LTE modules) |
### 4. Power & Thermal Management
Industrial electronics require robust power protection and heat dissipation.
* **Input Voltage:** 24VDC (±20% tolerance).
* **Protection:** Includes over-voltage, over-current, and reverse-polarity protection.
* **Thermal Design:** Fanless heat-sink architecture. The aluminum alloy enclosure acts as a passive radiator to dissipate heat from the CPU and internal circuitry.
---
### 5. Storage Support
The device uses solid-state electronic storage to ensure high vibration resistance.
* **Primary Slot:** 1 x M.2 (M Key) 2280 SATA/PCIe interface.
* **Secondary:** Internal 2.5" SATA HDD/SSD bracket (optional).
- ⤷
What are the differences between the resistive and capacitive versions of this panel PC?
- ⤷ Which operating systems are officially supported by the J6412 processor in this unit?
- ⤷ Can the TPC-312 be upgraded with a Power-over-Ethernet (PoE) module?