TPC-312-R833B
AI

The **TPC-312-R833B** is a specific industrial Panel PC manufactured by Advantech. It is designed for human-machine interface (HMI) applications in harsh industrial environments.
Below is a breakdown of its primary electronic components and technical specifications.
---
### 1. Core Processing Unit (CPU)
The "R833B" designation typically refers to the internal board configuration.
* **Processor:** Intel® Atom™ E3845 Quad-Core processor.
* **Clock Speed:** 1.91 GHz.
* **Architecture:** x86 64-bit, offering a balance between low power consumption (TDP 10W) and sufficient processing power for automation software.
### 2. Display and Touch Interface
| Feature | Specification |
| :--- | :--- |
| **Panel Size** | 12.1" TFT LED LCD |
| **Resolution** | 1024 x 768 (XGA) |
| **Luminance** | 600 cd/m² (High brightness for industrial visibility) |
| **Touch Type** | 5-wire Resistive Touch (Ideal for use with gloves) |
| **Backlight Life** | 50,000 hours |
### 3. Memory and Storage
* **RAM:** Supports DDR3L 1333 MHz SO-DIMM (usually comes with 4GB, expandable to 8GB).
* **Storage Interfaces:**
* 1 x mSATA slot for OS and application storage.
* 1 x 2.5" SATA SSD/HDD bay for high-capacity data logging.
### 4. Input/Output (I/O) Connectivity
The electronic "brain" of the unit communicates with factory equipment via several physical ports:
* **Ethernet:** Dual 10/100/1000 Mbps RJ45 ports (Intel I210).
* **Serial Ports:** 1 x RS-232, 1 x RS-232/422/485 (for PLC communication).
* **USB:** 1 x USB 3.0 and 3 x USB 2.0 ports.
* **Expansion:** 1 x Full-size Mini PCIe slot for Wi-Fi, Bluetooth, or Fieldbus modules.
### 5. Electrical Power Requirements
* **Input Voltage:** 24VDC (+/- 20% tolerance).
* **Power Consumption:** Typical load is approximately 18W to 40W depending on peripheral usage.
* **Protection:** Includes reverse polarity protection and chassis grounding to prevent damage from electrical surges.
---
### Summary of Key Features
* **Fanless Design:** The electronic components are cooled via a passive heatsink (the aluminum chassis itself), preventing dust intake.
* **Ingress Protection:** The front panel is IP66 rated, meaning the electronics are protected against high-pressure water jets and dust.
* **Operating Temp:** Rated for -20 ~ 60°C (-4 ~ 140°F).
- ⤷
What are the compatible operating systems for the TPC-312-R833B?
- ⤷ How do I expand the storage using the mSATA slot?
- ⤷ Can this model be mounted using a VESA arm?