Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • TLV2711CDBVTG4

  • AI
    ## Overview of TLV2711CDBVTG4 The **TLV2711CDBVTG4** is a high-performance, low-voltage operational amplifier (Op-Amp) manufactured by Texas Instruments. It belongs to the **Advanced LinCMOS™** family and is specifically designed for portable and battery-powered applications where power consumption is a critical factor. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Architecture** | CMOS (Advanced LinCMOS) | | **Number of Channels** | 1 (Single) | | **Supply Voltage (Single)** | 2.7V to 10V | | **Supply Voltage (Dual)** | ±1.35V to ±5V | | **Quiescent Current** | ~1.1 mA (Typical) | | **Gain Bandwidth Product (GBW)** | 2 MHz | | **Slew Rate** | 1.6 V/µs | | **Rail-to-Rail** | Output Only | | **Package / Case** | SOT-23-5 | --- ### Detailed Feature Breakdown 1. **Low Voltage Operation**: It is optimized to run at a minimum of **2.7V**, making it ideal for devices powered by single-cell Li-ion batteries or 3V button cells. 2. **Output Rail-to-Rail**: While the input range does not reach the full supply rails, the **output** can swing very close to both the positive and negative supply rails. This maximizes the dynamic range of the signal in low-voltage systems. 3. **High Input Impedance**: Being a CMOS-based amplifier, it has extremely low input bias currents (typically in the picoampere range). This makes it excellent for interfacing with high-impedance sensors. 4. **Suffix Meaning (G4)**: The "G4" suffix indicates that the part is "Green" (lead-free and RoHs compliant) and uses specific mold compounds, though it is functionally identical to the standard TLV2711CDBVT. --- ### Pin Configuration (SOT-23-5) | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Amplifier Output | | 2 | **VCC-** | Negative Power Supply / Ground | | 3 | **IN+** | Non-inverting Input | | 4 | **IN-** | Inverting Input | | 5 | **VCC+** | Positive Power Supply | --- ### Typical Applications * **Battery-Powered Instrumentation**: Multimeters, portable gas sensors. * **Active Filters**: Low-power audio or signal conditioning. * **Sensor Interface**: Buffering high-impedance transducers (e.g., pH probes or photodiodes). * **Medical Equipment**: Portable monitoring devices. ---
    ✨ Follow-up Questions
    • ⤷ How does the TLV2711 compare to the TLV271 in terms of power consumption?
    • ⤷ What is the difference between Rail-to-Rail Input and Rail-to-Rail Output in this specific chip?
    • ⤷ Can this Op-Amp be used for high-speed signal processing?