Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • TLS-R5-200

  • AI
    The **TLS-R5-200** typically refers to a high-performance **Linear Slide** or **Linear Actuator** system, often used in precision automation and robotics. Below is a breakdown of the electronic components and technical specifications associated with this type of hardware. --- ### 1. Key Electronic Components The system relies on a combination of sensing, driving, and control electronics to achieve precise linear motion. | Component | Function | Description | | :--- | :--- | :--- | | **Stepper/Servo Motor** | Power Source | Typically a NEMA 23 or NEMA 34 motor that converts electrical pulses into mechanical rotation. | | **Limit Switches** | Safety/Homing | Magnetic (Hall Effect) or mechanical switches at both ends to prevent over-travel. | | **Encoder** | Feedback | Provides closed-loop feedback to the controller to ensure position accuracy. | | **Motor Driver** | Power Regulation | An electronic module (e.g., DM542 or similar) that translates low-level control signals into high-current motor phases. | | **Coupler** | Connection | Connects the motor shaft to the ball screw, often designed to dampen vibration and protect electronics. | --- ### 2. Technical Specifications The "200" in the model name usually denotes the **Effective Stroke** (the distance the carriage can travel). * **Input Voltage:** Usually 24V - 48V DC (depending on the motor driver). * **Effective Stroke:** 200mm. * **Positioning Accuracy:** Often within ±0.02mm to ±0.05mm. * **Max Horizontal Load:** Approximately 30kg - 50kg (depending on lead screw pitch). * **Max Vertical Load:** Approximately 10kg - 15kg. --- ### 3. Wiring and Control Interface To operate the TLS-R5-200, the following wiring logic is generally followed: ```cpp // Example: Basic Pulse/Direction logic for a microcontroller const int stepPin = 3; const int dirPin = 4; void setup() { pinMode(stepPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set direction for(int x = 0; x < 200; x++) { digitalWrite(stepPin, HIGH); delayMicroseconds(500); digitalWrite(stepPin, LOW); delayMicroseconds(500); } } ``` --- ### 4. Important Considerations for Integration 1. **Lead Screw Pitch:** The distance moved per 360-degree rotation. Common pitches are 5mm, 10mm, or 16mm. This determines the "steps per mm" calculation in your software. 2. **EMI Shielding:** Since these units operate with high-frequency pulses, using shielded cables for the limit switches is recommended to prevent false triggers. 3. **Thermal Management:** The motor driver should be mounted on a heatsink or in a ventilated enclosure, as linear slides often run at high duty cycles.
    ✨ Follow-up Questions
    • ⤷ What is the lead screw pitch for the TLS-R5-200?
    • ⤷ Which motor drivers are recommended for this linear slide?
    • ⤷ How do I wire the limit switches for a GRBL or PLC controller?