Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • TCS-71-R/CE

  • AI
    The **TCS-71-R/CE** refers to a high-precision digital counting scale, typically part of industrial weighing series. The "CE" suffix indicates compliance with European Health, Safety, and Environmental protection standards. Below is an explanation of the core electronic components and their functions within this device. --- ### 1. Main Control Unit (PCB & Microcontroller) The heart of the scale is a Printed Circuit Board (PCB) housing a **Microcontroller (MCU)**. * **Function:** It processes the analog-to-digital signals, manages the memory for unit weights, and controls the display output. * **A/D Converter:** Since weight is measured as an analog signal, a high-resolution 24-bit Analog-to-Digital converter is used to ensure precision in counting small parts. ### 2. The Load Cell (Sensor) The most critical electronic-mechanical part. * **Type:** Typically a strain-gauge bridge. * **Mechanism:** When an object is placed on the platform, the metal body of the load cell bends slightly, changing the electrical resistance of the strain gauges. This change is measured as a voltage difference. ### 3. Display System The TCS-71 series usually features a three-window display layout to show data simultaneously: | Display Window | Description | | :--- | :--- | | **Weight** | Shows the total gross or net weight of the items. | | **Unit Weight** | Shows the weight of a single piece (calculated or entered). | | **Total Count** | Shows the calculated number of pieces (Total Weight ÷ Unit Weight). | * **Technology:** Usually **LCD with Backlight** (for energy efficiency) or **LED** (for high visibility in dark warehouses). ### 4. Power Management System * **AC Adapter:** Converts 110V/220V AC to low-voltage DC (usually 6V or 12V). * **Rechargeable Battery:** A built-in lead-acid or lithium battery allows for portable use. * **Charging Circuit:** Manages the float charge to prevent battery overcharging. ### 5. Input & Connectivity * **Keypad:** A tactile membrane switch or rubber keypad used for numeric input (sampling and tare functions). * **RS-232 Interface:** Many CE-rated models include a DB9 serial port to connect to a PC or label printer for data logging. --- ### Summary of Specifications | Feature | Typical Specification | | :--- | :--- | | **Accuracy Class** | OIML III | | **Input Signal Range** | 0mV ~ 15mV | | **Load Cell Excitation** | 5V DC | | **Protection** | Overload protection circuitry |
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-71-R/CE scale?
    • ⤷ What is the maximum weight capacity of this specific model?
    • ⤷ How do I troubleshoot a 'Low Bat' error on the display?