Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • TCS-2D-R/BN

  • AI
    The **TCS-2D-R/BN** is a specific model within a series of digital counting scales, commonly manufactured by industrial instrumentation brands. This device is used for high-precision weighing and piece-counting in warehouse or manufacturing environments. --- ### 1. Electronic Component Breakdown The internal circuitry of the TCS-2D-R/BN consists of several key electronic subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **Load Cell** | Sensor | A high-precision strain gauge that converts physical weight into an analog electrical signal. | | **A/D Converter** | Processing | An Analog-to-Digital converter (usually 20-bit or 24-bit) that translates the load cell signal for the microprocessor. | | **Microcontroller (MCU)** | Control Unit | The "brain" that executes weight calculations, tare functions, and unit price/count conversions. | | **LED/LCD Display** | Interface | Usually a 3-window display showing: Total Weight, Unit Weight, and Quantity (Total Count). | | **Power Supply (BN)** | Power Management | "BN" typically refers to a configuration including a **rechargeable battery** and an internal AC transformer. | --- ### 2. Technical Specifications Based on the model nomenclature, the electronic capabilities are generally structured as follows: - **Input Voltage:** AC 110V/220V (50-60Hz) or DC 6V Rechargeable Battery. - **Signal Processing:** High-speed sampling for stabilization within 2 seconds. - **Communication Port:** Most "R" models include an **RS-232** interface for connecting to a PC or thermal printer. - **Excitation Voltage:** 5V DC (supplied to the load cell). --- ### 3. Key Electronic Features #### A. Counting Circuitry Unlike a standard scale, the TCS-2D-R/BN features a counting algorithm that allows the MCU to calculate the quantity of items based on a sample weight. The electronics support **Automatic Re-sampling** to improve counting accuracy as more parts are added. #### B. Power Management (The "BN" Aspect) The "BN" designation often signifies a specific battery configuration. - **Charging Circuit:** Protects against overcharging. - **Low Battery Indicator:** Triggers a voltage drop alarm on the display to prevent data loss. - **Power Saving Mode:** Automatically dims the display or enters sleep mode after inactivity. #### C. Connectivity (The "R" Aspect) The **R** usually denotes an **RS-232 Serial Port**. - Uses a DB9 connector. - Protocol: Typically 9600 baud rate, 8 data bits, 1 stop bit. - Allows for the electronic transmission of "Weight" and "Count" data to external inventory software. --- ### 4. Maintenance & Safety Warnings * **Voltage Spikes:** Always use a surge protector; the A/D converter is sensitive to fluctuations. * **Battery Care:** To prevent electronic leakage, the lead-acid battery should be charged at least once every three months if the scale is not in use. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-2D-R/BN if the weight is inaccurate?
    • ⤷ What is the pinout configuration for the RS-232 port on this model?
    • ⤷ Can the rechargeable battery be replaced with a higher capacity Li-ion alternative?