TCFL1206CF-R56
AI

The **TCFL1206CF-R56** is a specific electronic component, typically categorized as a **Thin Film Chip Inductor**. Components with this naming convention are designed for high-frequency applications where precision and stability are critical.
---
### 1. Part Number Breakdown
The alphanumeric code provides specific details about the component's physical and electrical characteristics:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **TCFL** | Series Type | Thin Film Inductor (usually High-Q, Lead-Free) |
| **1206** | Case Size | 1206 Imperial (3.2mm x 1.6mm) |
| **CF** | Material/Process | Often denotes specific coating or core material (Ceramic/Film) |
| **R56** | Inductance Value | **0.56 µH** (R acts as a decimal point) |
---
### 2. Key Technical Specifications
While exact specs can vary slightly by manufacturer (such as Viking or Taiyo Yuden), the general parameters for a 1206 R56 thin film inductor are:
* **Inductance:** 0.56 microhenries (µH) or 560 nanohenries (nH).
* **Tolerance:** Commonly ±5% (J) or ±10% (K).
* **Technology:** Thin Film (allows for tighter tolerances and better performance at higher frequencies compared to wire-wound or multilayer types).
* **Operating Temperature:** Typically -40°C to +125°C.
* **SRF (Self-Resonant Frequency):** Usually very high, making it suitable for RF circuits.
---
### 3. Core Features
1. **High Precision:** Thin film technology allows for very accurate inductance values.
2. **Excellent Frequency Response:** High "Q" factor (Quality factor) which minimizes energy loss at high frequencies.
3. **Miniature Profile:** The 1206 footprint is standard for surface-mount technology (SMT), balancing ease of assembly with space-saving.
4. **Stability:** High stability against temperature fluctuations and mechanical stress.
---
### 4. Common Applications
* **RF Modules:** Used in wireless communication devices (WiFi, Bluetooth).
* **Impedance Matching:** Tuning circuits to ensure maximum power transfer between stages.
* **Mobile Devices:** Filtering and signal conditioning in smartphones and tablets.
* **High-Speed Signal Lines:** Reducing electromagnetic interference (EMI) without distorting the data signal.
- ⤷
What is the maximum current rating for the TCFL1206 series?
- ⤷ How does a thin film inductor differ from a multilayer inductor?
- ⤷ Can you provide the footprint dimensions in millimeters?