AI

## Overview of TCDA1090-R60M
The **TCDA1090-R60M** is a high-performance **Molded Power Inductor**. It is part of the TCDA series, typically utilized in automotive and high-reliability industrial applications due to its robust construction and thermal stability.
---
### 1. Key Technical Specifications
Below are the primary electronic parameters for this component:
| Parameter | Specification | Units |
| :--- | :--- | :--- |
| **Inductance** | 0.60 | µH |
| **Tolerance** | ±20% | % |
| **DC Resistance (DCR) Max** | ~1.5 - 2.0 (typical) | mΩ |
| **Saturation Current ($I_{sat}$)** | ~30 - 45 | A |
| **Heating Current ($I_{rms}$)** | ~25 - 35 | A |
| **Case Size** | 1090 (approx. 11.5 x 10.3 mm) | mm |
| **Operating Temperature** | -55 to +155 | °C |
---
### 2. Physical Construction
The "Molded" designation refers to the manufacturing process:
* **Core Material:** Metal alloy powder (Iron powder).
* **Structure:** The copper coil is placed inside a mold, and the metal powder is pressed around it.
* **Shielding:** Because the entire body is composed of magnetic material, it is **self-shielded**, which significantly reduces electromagnetic interference (EMI).
---
### 3. Electronic Characteristics & Benefits
The TCDA1090-R60M offers several advantages for modern electronic circuits:
1. **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are reached, this molded inductor has a "soft" saturation curve, meaning it maintains functionality even under transient high-current spikes.
2. **High Current Density:** The 0.60µH value combined with low DCR allows for very high efficiency in high-frequency switching power supplies.
3. **AEC-Q200 Compliance:** Parts in this series are often automotive-grade, meaning they are tested for extreme vibration, mechanical shock, and moisture resistance.
---
### 4. Common Applications
* **DC/DC Converters:** Used in Point-of-Load (POL) converters for CPUs and GPUs.
* **Automotive Electronics:** Engine Control Units (ECUs), LED lighting drivers, and Advanced Driver Assistance Systems (ADAS).
* **Power Supplies:** High-current VRM (Voltage Regulator Modules) for servers and industrial workstations.
---
- ⤷
What is the exact footprint dimensions and land pattern for the 1090 package?
- ⤷ How does the 'soft saturation' of this inductor compare to traditional ferrite cores?
- ⤷ Which specific manufacturers produce the TCDA series (e.g.
- ⤷ Cyntec
- ⤷ Tecore)?