TCDA0707-R39M
AI

## Overview of TCDA0707-R39M
The **TCDA0707-R39M** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is part of a series typically designed for high-current applications where stability and efficiency are critical, such as DC-DC converters and power supply modules.
---
### 1. Technical Specifications
Below are the primary electrical characteristics typically associated with this specific part number:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Inductance** | 0.39 µH | The nominal inductance value (R39 = 0.39). |
| **Tolerance** | ±20% | Denoted by the "M" suffix. |
| **Package Size** | 0707 | Refers to physical dimensions (approx. 7.0 x 7.0 mm). |
| **Core Material** | Composite/Metal Alloy | Designed for high saturation and low core loss. |
| **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI). |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps in identifying the component's capabilities:
1. **TCDA**: Series identifier (often indicating a molded power inductor with high reliability).
2. **0707**: Physical footprint (Length and Width in millimeters).
3. **R39**: Inductance value where 'R' acts as a decimal point ($0.39 \mu H$).
4. **M**: Tolerance code (M = ±20%).
---
### 3. Key Electronic Features
The TCDA0707-R39M is engineered for modern power electronics:
* **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy composite core, it can handle high peak currents without the inductance dropping off sharply.
* **Low DC Resistance (DCR):** The internal windings are optimized to minimize power loss as heat, increasing overall system efficiency.
* **Thermal Stability:** These inductors are rated for wide temperature ranges (often up to $125^\circ C$ or $150^\circ C$), making them suitable for automotive or industrial use.
* **Low Buzz Noise:** The molded construction minimizes mechanical vibrations caused by magnetic fields.
---
### 4. Common Applications
* **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs for high-speed switching.
* **DC-DC Converters:** Buck, Boost, and Buck-Boost topologies.
* **Consumer Electronics:** Laptops, tablets, and high-density power supplies.
* **Automotive:** Infotainment and ADAS systems (if AEC-Q200 qualified).
---
- ⤷
What is the maximum saturation current rating for the TCDA0707-R39M?
- ⤷ How does the metal alloy core compare to traditional ferrite cores in this inductor?
- ⤷ Is there a recommended soldering profile for the 0707 package size?