TC962CPA
AI

### TC962CPA Overview
The **TC962CPA** is an advanced charge pump voltage converter manufactured by Microchip Technology. It is a pin-compatible, high-current upgrade to the industry-standard ICL7662 and SI7661 devices.
---
### Key Technical Specifications
The following table summarizes the primary electrical characteristics of the TC962CPA:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 3.0V to 18V |
| **Output Current** | Up to 80mA |
| **Oscillator Frequency** | 12 kHz (typical) |
| **Efficiency** | 99.9% (Voltage conversion) |
| **Power Efficiency** | 96% (Typical) |
| **Package Type** | 8-Pin PDIP (Plastic Dual In-line Package) |
| **Operating Temperature** | 0°C to +70°C |
---
### Internal Electronic Functions
The TC962CPA performs DC-to-DC conversion using only two external capacitors. It eliminates the need for inductors, which reduces EMI and saves board space.
1. **Voltage Inversion:** The device is most commonly used to convert a positive input voltage ($+V_{IN}$) to a negative output voltage ($-V_{OUT}$).
2. **Internal Oscillator:** It features an on-board oscillator. The frequency can be lowered by adding an external capacitor to the `OSC` pin or increased by overdriving it with an external clock.
3. **Voltage Doubling:** While primarily an inverter, the device can be configured in circuits to double the input voltage.
4. **Low Output Impedance:** At 80mA, it maintains a low output impedance (typically 28 $\Omega$), ensuring stable power delivery to the load.
---
### Pin Configuration
The TC962CPA uses a standard 8-pin layout:
* **Pin 1:** NC (No Connection)
* **Pin 2:** $CAP+$ (Positive terminal of the charge pump capacitor)
* **Pin 3:** GND (Ground)
* **Pin 4:** $CAP-$ (Negative terminal of the charge pump capacitor)
* **Pin 5:** $V_{OUT}$ (Negative voltage output)
* **Pin 6:** $LV$ (Low Voltage pin; connect to GND for low voltage operation)
* **Pin 7:** $OSC$ (Oscillator control input)
* **Pin 8:** $V+$ (Positive power supply input)
---
### Typical Applications
* **Negative Bias Generation:** Providing negative rails for Op-Amps and Comparators.
* **RS-232 Power Supplies:** Generating $\pm$ voltage levels for communication interfaces.
* **Handheld Instruments:** Efficient power management in battery-operated devices.
* **Data Acquisition:** Creating bipolar supplies from a single 5V or 12V source.
- ⤷
How do I calculate the capacitor values for a specific output ripple?
- ⤷ Can the TC962CPA be used in parallel to increase current output?
- ⤷ What is the difference between the 'CPA' and 'EPA' suffixes for this part?