SWI0603F-R39J
AI

The **SWI0603F-R39J** is a high-frequency, surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in RF (Radio Frequency) circuits where high precision and high stability are required.
Below is a detailed breakdown of its specifications and electronic characteristics.
---
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical limits of the component:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **SWI** | Series Name | Standard Wire-wound Inductor |
| **0603** | Case Size | 0.6 x 0.3 inches (1.6 x 0.8 mm) |
| **F** | Material | Ferrite/Ceramic Core (Application dependent) |
| **R39** | Inductance Value | 0.39 µH (390 nH) |
| **J** | Tolerance | ±5% |
---
### 2. Key Electrical Specifications
Based on standard industry datasheets for the 0603 wire-wound series, here are the typical technical parameters:
* **Inductance:** 390 nH (Nanohenries).
* **Tolerance:** ±5% (indicated by the 'J' suffix).
* **Quality Factor (Q min):** Typically ranges from 25 to 50 at specific frequencies (e.g., 100MHz). A high Q factor indicates low energy loss.
* **Self-Resonant Frequency (SRF):** Usually around 500 MHz - 900 MHz. This is the frequency limit beyond which the part acts as a capacitor rather than an inductor.
* **DC Resistance (DCR):** Low resistance (typically < 1.5 Ω) to minimize power dissipation.
* **Rated Current:** Usually between 150mA and 300mA.
---
### 3. Physical Construction
The **Wire-wound** nature of this part provides significant advantages over multilayer inductors:
1. **Ceramic Core:** Provides excellent thermal stability and a high SRF.
2. **Copper Winding:** Precisely wrapped around the core to achieve specific inductance with high "Q".
3. **Termination:** Tin-plated over nickel (Matte Tin) for excellent solderability during SMT (Surface Mount Technology) assembly.
---
### 4. Common Applications
Due to its small size and high-frequency performance, the SWI0603F-R39J is commonly found in:
* **RF Transceivers:** Used in matching circuits for antennas.
* **Filters:** High-pass, low-pass, and band-pass filters for wireless communication.
* **Mobile Devices:** Bluetooth, Wi-Fi, and LTE signal processing modules.
* **Oscillators:** Frequency stabilization in VCOs (Voltage Controlled Oscillators).
---
- ⤷
What is the difference between a wire-wound inductor and a multilayer inductor in RF circuits?
- ⤷ How does the 'Q factor' impact the performance of this specific inductor?
- ⤷ What are the recommended soldering temperature profiles for 0603 SMD components?