Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SW4309C

  • AI
    ## Overview of the SW4309C The **SW4309C** is a highly integrated power management IC (PMIC) specifically designed for **USB Type-C Power Delivery (PD)** and multi-protocol fast charging applications. It is commonly used in power adapters, car chargers, and multi-port charging hubs. --- ### 1. Key Technical Specifications The device acts as a synchronous buck-boost or buck controller (depending on the specific circuit configuration) with integrated protocol support. | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 4.0V to 32V | | **Output Protocols** | PD 3.0/2.0, PPS, QC4+/QC3.0, FCP, SCP, AFC, Apple 2.4A | | **Control Interface** | I2C Interface for status monitoring | | **Protection Circuits** | OVP, UVP, OTP, OCP, Short Circuit | | **Package Type** | QFN-32 (4x4mm) | --- ### 2. Core Functional Components The internal architecture of the SW4309C is divided into several electronic sub-systems: #### A. Protocol Controller This is the "brain" of the chip. It communicates with the connected device (like a smartphone or laptop) via the **CC1/CC2 pins** to negotiate the highest possible voltage and current levels safely. #### B. PWM Controller It drives external MOSFETs to perform DC-DC conversion. It typically uses high-frequency switching to ensure high efficiency and minimal heat generation. #### C. Integrated N-MOS Driver The chip includes high-side and low-side drivers to control the external power transistors, reducing the need for extra components on the PCB. #### D. Analog-to-Digital Converter (ADC) An internal 12-bit ADC monitors: * Input voltage/current * Output voltage/current * Temperature of the IC --- ### 3. Application Circuit Components To function, the SW4309C requires several peripheral electronic parts: 1. **Inductor:** Stores energy during the switching cycle. 2. **MOSFETs:** Usually 4 N-Channel MOSFETs if used in a Buck-Boost topology. 3. **Capacitors:** Low ESR electrolytic or ceramic capacitors for input/output filtering to reduce ripple. 4. **Current Sense Resistor:** A high-precision shunt resistor (e.g., 5mΩ or 10mΩ) used to measure current flow accurately. 5. **NTC Thermistor:** Used for external temperature sensing to prevent overheating of the battery or housing. --- ### 4. Pinout Functions (Partial) | Pin Name | Description | | :--- | :--- | | **VIN** | Power supply input | | **SW1 / SW2** | Switching nodes for the inductor | | **BST1 / BST2** | Bootstrap pins for high-side gate driving | | **CC1 / CC2** | Configuration Channels for Type-C communication | | **DP / DM** | Data lines for legacy fast charge protocols (QC/AFC) | | **SDA / SCL** | I2C data and clock lines | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between SW4309C and SW3516?
    • ⤷ Can the SW4309C support 100W Power Delivery output?
    • ⤷ What is the recommended layout strategy for the current sense resistor in this IC?