Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SW115D15ESMF

  • AI
    The **SW115D15ESMF** is a high-performance, compact **DC-DC Converter** module, typically part of a series designed for industrial, telecommunications, and high-reliability applications. It is engineered to provide a stable 15V output from a wide range input. --- ## 1. Core Technical Specifications The part number follows a standard naming convention for power modules. Below is a breakdown of its primary electronic characteristics: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 9V to 18V DC (Nominal 12V) | | **Output Voltage** | +15V DC | | **Output Current** | ~1.0A to 1.5A (depending on thermal conditions) | | **Efficiency** | Up to 88% - 92% | | **Isolation Voltage** | 1500V DC to 2250V DC | | **Package Style** | Surface Mount (SMD) / Flat Pack | --- ## 2. Key Internal Components The SW115D15ESMF operates as a **Switching Regulator** (usually a Buck-Boost or Isolated Flyback topology). Its internal architecture includes: ### A. Power MOSFETs High-frequency switches that toggle the input current. These are optimized for low Rds(on) to minimize heat loss during operation. ### B. Planar Transformer Unlike traditional wire-wound transformers, many "SMF" (Surface Mount Family) modules use **Planar Transformers**. These use PCB copper layers for windings, resulting in a lower profile and better thermal management. ### C. PWM Controller The "brain" of the unit. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain a precise 15V output, even if the input voltage fluctuates or the load changes. ### D. Multi-Layer Ceramic Capacitors (MLCCs) Internal filtering components that reduce "Ripple and Noise" on the output line, ensuring sensitive electronic circuits receive clean power. --- ## 3. Protection Features This part is designed with integrated safety protocols to prevent damage to the module or the connected load: 1. **Over-Current Protection (OCP):** Automatically limits current if a short circuit occurs. 2. **Over-Voltage Protection (OVP):** Shuts down or clamps the output if it exceeds safe levels (e.g., >16.5V). 3. **Thermal Shutdown:** If the internal temperature exceeds a threshold (typically 100°C-125°C), the device stops switching to cool down. --- ## 4. Pin Configuration and Integration As an SMD part, it is designed for automated pick-and-place assembly. ```text Typical Pinout Logic: Pin 1: +Vin (Positive Input) Pin 2: -Vin (GND/Return) Pin 3: Remote On/Off (Optional Control) Pin 4: +Vout (15V Output) Pin 5: -Vout (Common/Return) Pin 6: Trim (Adjustable output via external resistor) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific thermal derating requirements for this module?
    • ⤷ Can the 15V output be adjusted using the 'Trim' pin?
    • ⤷ What is the recommended footprint for soldering this SMD part?