Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SV-151-R/CE

  • AI
    The **SV-151-R/CE** is a specialized high-performance industrial camera, typically part of a machine vision series (often associated with brands like Sentech/Omron). This specific model is designed for high-speed image acquisition in automated inspection environments. --- ### 1. Key Technical Specifications The electronics of the SV-151-R/CE are centered around high-speed CMOS technology and digital signal processing. | Feature | Specification Details | | :--- | :--- | | **Sensor Type** | CMOS (Progressive Scan) | | **Resolution** | Approximately 1.5 Megapixels | | **Frame Rate** | High-speed (Up to 150+ fps depending on configuration) | | **Interface** | Camera Link or proprietary LVDS digital output | | **Shutter Type** | Global Shutter (prevents motion blur) | | **Power Input** | 12V DC (standard industrial tolerance) | --- ### 2. Core Electronic Components #### A. Imaging Sensor (The Heart) The unit utilizes a **Global Shutter CMOS sensor**. Unlike rolling shutters found in consumer electronics, the global shutter electronic circuitry allows all pixels to be exposed simultaneously. This is critical for capturing objects on fast-moving conveyor belts without geometric distortion. #### B. The "R/CE" Designation * **R (Remote/Rugged):** Usually indicates a specific connector orientation or a reinforced internal housing to resist vibration. * **CE (Conformité Européenne):** Indicates the electronic circuitry meets EU safety, health, and environmental protection requirements, specifically regarding **Electromagnetic Compatibility (EMC)**. #### C. Interface and Data Transmission The camera uses a digital output (often **Camera Link**). This involves: * **LVDS (Low Voltage Differential Signaling):** High-speed data transmission that minimizes noise interference. * **Trigger Input Circuitry:** Opto-isolated inputs that allow an external sensor (like a photo-eye) to tell the camera exactly when to capture a frame with microsecond precision. --- ### 3. Electronic Connectivity Pinout (Typical) Most SV series cameras use a Hirose 12-pin or 6-pin connector for power and sync. ```yaml Pin Configuration (General Industrial Standard): 1. GND (Ground) 2. +12V DC (Power) 3. Video Out / Data - 4. Video Out / Data + 5. Trigger Input (Isolated) 6. Strobe Output (To control external lighting) ``` --- ### 4. Integration Requirements To operate the electronic parts of the SV-151-R/CE, you generally require: 1. **Frame Grabber Card:** A PCIe card installed in a PC to decode the high-speed digital signal. 2. **Shielded Cabling:** To prevent EMI (Electromagnetic Interference) from nearby industrial motors. 3. **Lens Mount:** Usually a C-mount, which is the mechanical interface but often requires "Active" electronic iris control depending on the specific sub-model.
    ✨ Follow-up Questions
    • ⤷ What are the pinout details for the 12-pin Hirose connector on this model?
    • ⤷ How does the global shutter electronic mechanism differ from a rolling shutter in industrial use?
    • ⤷ Which frame grabber brands are compatible with the SV-151 series?