Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SRF0703-R33M

  • AI
    The **SRF0703-R33M** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRF0703 series, designed primarily for DC/DC converters and power management circuits where high efficiency and low electromagnetic interference (EMI) are required. --- ### 1. Key Technical Specifications The part number can be decoded to understand its specific electrical characteristics: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.33 µH | Measured at 100 kHz / 0.25 V | | **Tolerance** | ±20% | Indicated by the "M" suffix | | **DCR (Max)** | 9.0 mΩ | Direct Current Resistance (DC loss) | | **Irms (Max)** | 6.20 A | Current causing 40°C temperature rise | | **Isat (Typ)** | 11.8 A | Current causing 30% drop in inductance | | **Shielding** | Yes | Ferrite drum core with ring core | --- ### 2. Physical Dimensions & Construction The "0703" in the part number refers to the physical footprint size (approximately 7.5mm x 7.5mm x 3.2mm). * **Core Material:** Ferrite. * **Terminals:** Lead-free (RoHS compliant), typically tin-plated. * **Form Factor:** Surface Mount Device (SMD). * **Shielding Construction:** It features a magnetically shielded construction, which minimizes radiation and reduces interference with surrounding components. --- ### 3. Application Use-Cases Because of its high saturation current and low DCR, this inductor is commonly found in: 1. **Buck/Boost Converters:** Used as the energy storage element in voltage regulation modules. 2. **Laptops and Tablets:** Powering CPUs and GPUs where space is limited but current demand is high. 3. **Battery Powered Devices:** High efficiency helps extend battery life by reducing heat dissipation. 4. **Distributed Power Systems:** Used in point-of-load (POL) converters. --- ### 4. Comparison with Non-Shielded Inductors Compared to standard unshielded inductors, the SRF0703-R33M offers: * **Lower EMI:** Essential for sensitive analog circuits or RF communication modules. * **Higher Coupling Efficiency:** Better flux containment. * **Compact Density:** Allows components to be placed closer together on a PCB without cross-talk.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the saturation current (Isat) in this inductor?
    • ⤷ How does the DCR value impact the overall efficiency of a power circuit?
    • ⤷ What are the recommended soldering profiles for the SRF0703 series?