Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SPB1007-R23M

  • AI
    ### Analysis of the SPB1007-R23M Electronic Component The **SPB1007-R23M** is a high-current, surface-mount (SMD) power inductor. It is commonly utilized in DC-DC converters and power supply modules where high efficiency and high saturation currents are required in a compact footprint. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this type of power inductor, the specifications generally align with the following: | Parameter | Specification | Unit | | :--- | :--- | :--- | | **Inductance** | 0.23 | µH | | **Tolerance** | ±20% (indicated by 'M') | % | | **Package Size** | ~10.0 x 7.0 (Size 1007) | mm | | **DCR (Direct Current Resistance)** | Very Low (typically < 0.5) | mΩ | | **Saturation Current ($I_{sat}$)** | High (typically > 40) | A | | **Operating Temperature** | -40 to +125 | °C | --- ### 2. Breakdown of the Part Number Understanding the alphanumeric code helps identify the physical and electrical characteristics: * **SPB**: Series prefix (typically denoting a Shielded Power Bead or High-Current Inductor). * **1007**: Physical dimensions. Usually represents a footprint of approximately 10mm length and 7mm width. * **R23**: Inductance value. The 'R' acts as a decimal point. **R23 = 0.23 µH**. * **M**: Tolerance code. **M = ±20%**. --- ### 3. Core Features and Construction * **Magnetic Shielding**: The inductor is typically shielded to minimize Electromagnetic Interference (EMI), which is critical for densely packed PCB designs. * **Flat Wire Construction**: Many inductors in this class use flat copper wire instead of round wire to reduce DC resistance (DCR) and improve heat dissipation. * **Core Material**: Often composed of a ferrite or metal alloy powder core to handle high saturation currents without a sharp drop in inductance. --- ### 4. Common Applications Due to its low inductance and high current handling capacity, the SPB1007-R23M is found in: 1. **Voltage Regulator Modules (VRMs)**: Used in motherboards and servers to step down voltage for CPUs/GPUs. 2. **Point of Load (POL) Converters**: Distributed power systems. 3. **High-Current Power Supplies**: Industrial and telecommunications equipment. 4. **Battery Powered Systems**: Where high efficiency is needed to extend battery life. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the SPB1007-R23M?
    • ⤷ Are there alternative part numbers with a lower tolerance than ±20%?
    • ⤷ How does the 'R23' value affect the efficiency of a DC-DC converter compared to a higher inductance value?