SFSKB2M30GF00-R1_17
AI

The **SFSKB2M30GF00-R1** is a surface-mount (SMD) **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the SFECV/SFSKB series, which are designed for small-size, high-performance frequency selection in communication equipment.
---
### 1. General Specifications
This component is primarily used in FM receivers for intermediate frequency (IF) stage filtering.
| Parameter | Value / Description |
| :--- | :--- |
| **Manufacturer** | Murata Electronics |
| **Part Type** | Ceramic Filter (SMD) |
| **Center Frequency (fo)** | 2.300 MHz (Typical) |
| **Bandwidth (at 3dB)** | $\pm$ 30 kHz (Approx.) |
| **Insertion Loss** | 5.5 dB max (at fo) |
| **Impedance** | 1000 $\Omega$ (Input/Output) |
| **Package Size** | 4.5 x 3.2 x 2.0 mm |
---
### 2. Key Features and Construction
* **Piezoelectric Technology:** It utilizes the mechanical resonance of piezoelectric ceramics to filter electrical signals, allowing only a specific band of frequencies to pass.
* **Surface Mount Design:** The "SKB" series is optimized for automated pick-and-place assembly, saving PCB real estate compared to traditional leaded filters.
* **High Selectivity:** Designed to provide a sharp "skirt" characteristic, effectively eliminating noise and adjacent channel interference.
* **Environmental Stability:** Built to withstand standard reflow soldering temperatures and maintain frequency stability across a wide temperature range.
---
### 3. Application Areas
These filters are commonly found in:
1. **Consumer Electronics:** FM radio tuners and digital broadcasting receivers.
2. **Wireless Communication:** Paging systems and low-frequency transceivers.
3. **Intermediate Frequency (IF) Stages:** Used in superheterodyne receivers to isolate the target signal after down-conversion.
---
### 4. Technical Diagram (Simplified Pinout)
While specific to the SMD footprint, the internal structure typically involves:
```text
[Input] ---- [Ceramic Resonator Element] ---- [Output]
|
[Ground]
```
---
- ⤷
What is the difference between a ceramic filter and a ceramic resonator?
- ⤷ How does the impedance matching affect the performance of the SFSKB2M30GF00-R1?
- ⤷ Are there recommended reflow soldering profiles for this Murata series?