SE5004L-R
AI

The **SE5004L-R** is a high-performance Power Amplifier (PA) designed specifically for the 5 GHz band, primarily used in IEEE 802.11a/n/ac WLAN (Wi-Fi) applications. It is manufactured by Skyworks Solutions.
---
## 1. Key Technical Specifications
| Parameter | Value / Description |
| :--- | :--- |
| **Frequency Range** | 5.15 GHz to 5.85 GHz |
| **Gain** | ~32 dB (High Power Mode) |
| **Output Power** | +20 dBm @ 2.5% EVM (802.11a/n) |
| **Supply Voltage (VCC)** | 3.0 V to 5.0 V |
| **Package Type** | 20-pin QFN (4mm x 4mm x 0.9mm) |
| **Linearity** | Optimized for high-order modulation (64 QAM / 256 QAM) |
---
## 2. Functional Blocks
The SE5004L-R integrates several critical electronic components into a single silicon-germanium (SiGe) or GaAs BiCMOS die:
* **Three-Stage Amplifier:** Provides high gain to boost weak signals from the Wi-Fi chipset to a level suitable for antenna transmission.
* **Power Detector:** An on-chip "directional coupler" that provides a closed-loop feedback voltage (Vdet) to the system to monitor output power accuracy.
* **Enable/Reference Circuitry:** Includes an active-high enable pin (EN) for power-down mode, reducing current consumption when the radio is not transmitting.
* **Input/Output Matching:** The device is internally matched to 50 $\Omega$ to simplify the PCB design and reduce the need for external surface-mount components.
---
## 3. Pin Configuration (Simplified)
Below is a representation of the typical pinout for the SE5004L-R:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | RFIN | RF Input Signal |
| 3 | VCC1 | First Stage Supply Voltage |
| 8 | VDET | Detector Output Voltage |
| 14 | VCC2/3 | Second/Third Stage Supply |
| 20 | RFOUT | RF Output Signal |
| Center Pad | GND | Ground / Thermal Heat Sink |
---
## 4. Typical Application Diagram
In a standard circuit, the SE5004L-R is positioned between the Wi-Fi Transceiver and the Antenna Switch.
```mermaid
graph LR
A[Wi-Fi Chipset] -->|Low Power RF| B(SE5004L-R PA)
B -->|High Power RF| C[Band Pass Filter]
C --> D[Antenna]
B -.->|Vdet| A
```
---
## 5. Main Advantages
1. **High Linearity:** Crucial for 802.11ac standards to ensure data integrity at high speeds.
2. **Thermal Efficiency:** The QFN package with a central ground pad allows for effective heat dissipation.
3. **Low Current Draw:** Optimized for mobile or battery-powered access points.
- ⤷
What are the recommended external components for the SE5004L-R output matching circuit?
- ⤷ How does the SE5004L-R compare to its successor in the Skyworks 5GHz PA line?
- ⤷ What are the common thermal management strategies for this QFN package?