Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SDM129N-R30MF

  • AI
    ## SDM129N-R30MF Electronic Component Analysis The **SDM129N-R30MF** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converters and high-frequency power supplies. It belongs to a class of shielded power inductors designed for compact electronic assemblies. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics typically associated with this part number: | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.30 µH (indicated by 'R30') | | **Tolerance** | ±20% (indicated by 'M') | | **DCR (DC Resistance)** | Very Low (typically < 1.0 mΩ) | | **Saturation Current (Isat)** | High (typically 40A - 60A range) | | **Temperature Range** | -40°C to +125°C | | **Dimensions** | ~13.5 x 12.5 x 9.0 mm (Series 129) | | **Shielding** | Magnetic Shielding (Molded) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the component's capabilities: * **SDM**: Series prefix (often refers to Surface Device Molded). * **129**: Case size (approx. 12mm x 12mm with a 9mm height). * **N**: Material or internal designator (often denotes specific core materials like Carbonyl powder). * **R30**: Inductance value. `R` acts as a decimal point, so `R30` = **0.30 µH**. * **M**: Tolerance code. `M` stands for **±20%**. * **F**: Lead-free / RoHS compliant designation. --- ### 3. Key Electronic Features 1. **Low Core Loss**: The molded construction uses metal powder cores which minimize eddy current losses at high switching frequencies. 2. **Soft Saturation**: Unlike traditional ferrite inductors, these molded types have a "soft" saturation curve, meaning the inductance drops gradually rather than abruptly as current increases. 3. **High Current Density**: Due to the flat wire or robust internal coil structure, it can handle significant Amperage relative to its footprint. 4. **EMI Shielding**: The magnetic powder covers the entire coil, significantly reducing electromagnetic interference (EMI) which is critical for sensitive PCB layouts. --- ### 4. Common Applications This component is typically found in the following electronic circuits: * **Voltage Regulator Modules (VRM)**: Used in motherboards and GPU power phases. * **DC-DC Converters**: High-efficiency buck or boost converters. * **Server/Data Centers**: Powering high-draw CPUs and ASICs. * **Automotive Electronics**: Powering ADAS systems or infotainment units.
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the SDM129N series?
    • ⤷ How does the 'soft saturation' feature affect circuit stability compared to ferrite cores?
    • ⤷ What is the specific saturation current (Isat) rating for the 0.30uH model?