AI

## Overview of the SD25-R47 Inductor
The **SD25-R47** is a high-power, low-profile, shielded surface-mount (SMD) inductor. It is part of the SD series manufactured by **Coiltronics (now part of Eaton)**. These components are primarily used for power management in compact electronic devices.
---
### 1. Key Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH |
| **Tolerance** | ±20% |
| **Current Rating (Irms)** | 6.0 Amps |
| **Saturation Current (Isat)** | 8.8 Amps |
| **DC Resistance (DCR)** | 9.8 mΩ (Max) |
| **Shielding** | Magnetically Shielded |
| **Dimensions** | 5.2mm x 5.2mm x 2.5mm |
---
### 2. Core Features
* **Magnetic Shielding:** The part is constructed with a ferrite drum and ring core. This design minimizes Electromagnetic Interference (EMI), making it ideal for high-density circuit boards where components are placed close together.
* **Low Profile:** With a maximum height of 2.5mm, it is suitable for thin electronic assemblies like tablets, laptops, and hand-held devices.
* **High Energy Density:** It is engineered to handle high currents relative to its small physical footprint.
* **Construction:** It uses a rugged design that supports high-frequency switching power supplies.
---
### 3. Applications
The SD25-R47 is commonly integrated into the following systems:
1. **DC-DC Converters:** Used as a filter or energy storage element in buck, boost, or buck-boost converters.
2. **Portable Electronics:** Found in smartphones, GPS units, and digital cameras.
3. **Computer Peripherals:** Used in SSDs (Solid State Drives) and video cards.
4. **Battery Powered Equipment:** Efficiency is high due to the low DC resistance, which helps extend battery life.
---
### 4. Circuit Symbol and Footprint
```text
Inductor Symbol:
L1
--UUU--
0.47 uH
Land Pattern (Typical):
[ Pad ] --- 2.0mm --- [ Pad ]
(Total Width: ~5.5mm)
```
- ⤷
What is the difference between the SD25 and SD52 series?
- ⤷ How does saturation current affect the performance of this inductor?
- ⤷ What are the recommended soldering profiles for SMD inductors like the SD25-R47?