Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SCT-2F2F-U8-R

  • AI
    ## Overview of SCT-2F2F-U8-R The **SCT-2F2F-U8-R** is a high-performance, compact **RF Coaxial Adapter**. It is primarily designed for high-frequency testing, telecommunications, and aerospace applications where signal integrity is critical. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | 2.4mm Female | | **Connector Type B** | 2.4mm Female | | **Impedance** | 50 Ohms | | **Max Frequency** | 50 GHz | | **VSWR (Voltage Standing Wave Ratio)** | ≤ 1.20:1 (Typically) | | **Body Material** | Stainless Steel (Passivated) | | **Contact Material** | Beryllium Copper (Gold Plated) | | **Mounting Style** | Bulkhead / In-series | --- ### Electronic and Physical Components The performance of this part relies on the precision of its internal electronic components: 1. **Dielectric Insulator**: - Usually made of high-performance plastics like **PEI (Polyetherimide)** or **PTFE**. - This part maintains the spacing between the center conductor and the outer shell to ensure consistent 50-ohm impedance. 2. **Center Contact (Female Socket)**: - Constructed from **Beryllium Copper** for its excellent spring properties and conductivity. - It is gold-plated to minimize contact resistance and prevent oxidation over thousands of mating cycles. 3. **Outer Conductor (Body)**: - Made of **Stainless Steel**, providing high mechanical durability and effective EMI (Electromagnetic Interference) shielding. 4. **Interface Design**: - The **2.4mm interface** is an "air-dielectric" connector. It is physically compatible with 1.85mm connectors but **not** compatible with SMA or 3.5mm connectors (attempting to connect them will damage the pins). ### Key Applications * **Network Analyzers**: Used as a "connector saver" or to bridge two male cables during calibration. * **SATCOM**: High-frequency satellite communication ground stations. * **5G/6G Research**: Testing mmWave (millimeter wave) components. * **Radar Systems**: Signal routing in high-frequency defense electronics. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between 2.4mm and 2.92mm (K) connectors?
    • ⤷ How does VSWR affect the performance of this adapter at 50 GHz?
    • ⤷ Are there specific torque requirements for mating these connectors?