SCIH1040HC-R36M
AI

The **SCIH1040HC-R36M** is a high-current, surface-mount (SMD) power inductor commonly used in DC-DC converter applications. It belongs to a class of "molded" inductors designed for high efficiency and compact footprints.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its electrical properties:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.36 µH (Indicated by "R36") |
| **Tolerance** | ±20% (Indicated by "M") |
| **Case Size** | Approx. 10.0 x 10.0 x 4.0 mm (Indicated by "1040") |
| **Core Material** | Carbonyl Powder / Metal Alloy (Shielded) |
| **Operating Temperature** | -40°C to +125°C (typical) |
---
### 2. Key Features
* **High Saturation Current:** Due to its metallic powder core, it handles high peak currents without a sharp drop in inductance (soft saturation).
* **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with surrounding components.
* **Low DCR (DC Resistance):** Designed with thick copper wire to minimize power loss and heat generation.
* **RoHS Compliant:** Lead-free and environmentally friendly for modern manufacturing.
---
### 3. Applications
This inductor is typically found in high-demand power stages, including:
1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery.
2. **Point of Load (POL) Converters:** Converting 12V or 5V rails to lower voltages (1.8V, 1.2V, etc.).
3. **Battery Powered Devices:** High-efficiency power management for portable electronics.
4. **Automotive Electronics:** Powering infotainment and ADAS sensors (if AEC-Q200 qualified).
---
### 4. Comparison: Molded vs. Ferrite Inductors
Compared to traditional ferrite drum cores, the **SCIH1040HC** series offers:
* **Better Thermal Stability:** Inductance remains more stable across temperature fluctuations.
* **Physical Durability:** The molded body is more resistant to mechanical shock and vibration.
* **Audible Noise Reduction:** The solid structure minimizes "coil whine" caused by magnetostriction.
- ⤷What is the maximum saturation current rating for the R36M version?
- ⤷ Can this inductor be used in high-frequency switching above 1MHz?
- ⤷ What are the footprint dimensions for the PCB layout?