Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SCI1008S-R27F

  • AI
    The **SCI1008S-R27F** is a specific surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, such as RF (Radio Frequency) circuits, due to its high quality factor (Q) and stability. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's physical and electrical limits: | Segment | Meaning | Description | | :--- | :--- | :--- | | **SCI** | Series Code | Standard Chip Inductor (Wire-wound) | | **1008** | Case Size | 1008 Imperial (2.5 x 2.0 mm) | | **S** | Standard | Standard profile/performance series | | **R27** | Inductance Value | R denotes decimal; 0.27 microhenries ($\mu H$) or 270nH | | **F** | Tolerance | $\pm 1\%$ (High precision) | --- ### 2. Key Electrical Specifications Based on standard industry datasheets for the 1008 series, the R27F variant typically features the following parameters: | Parameter | Value | Unit | | :--- | :--- | :--- | | **Inductance** | 270 | nH (nanhenries) | | **Tolerance** | $\pm 1$ | % | | **Quality Factor (Q) min** | 45 | @ 100 MHz | | **Self-Resonant Frequency (SRF)** | 525 (approx.) | MHz | | **DC Resistance (DCR) max** | 1.00 | $\Omega$ | | **Rated Current (Idc)** | 400 | mA | --- ### 3. Construction and Material * **Wire-Wound Core:** Unlike multilayer inductors, this part uses a fine copper wire wound around a ceramic or ferrite core. This construction allows for much higher **Q factors** and better current handling. * **Encapsulation:** Often coated with an epoxy resin or a specialized molding compound to protect the wire windings from mechanical stress and oxidation. * **Terminations:** Typically feature gold or tin plating over nickel to ensure excellent solderability during the Reflow Soldering process. --- ### 4. Applications The high precision ($1\%$) and high Q factor make the SCI1008S-R27F ideal for: * **RF Tuning:** Precise frequency selection in oscillators. * **Impedance Matching:** Used in antenna circuits to minimize signal reflection. * **Filtering:** Low-pass or band-pass filters in wireless communication devices (GPS, Bluetooth, Wi-Fi). * **Signal Decoupling:** Preventing high-frequency noise from entering sensitive DC power rails. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between wire-wound and multilayer inductors in RF circuits?
    • ⤷ How does the Q factor affect the performance of a 270nH inductor?
    • ⤷ What are the recommended soldering temperature profiles for 1008 size SMD components?