Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SCI0805S-R11F

  • AI
    ## Analysis of the SCI0805S-R11F Electronic Component The **SCI0805S-R11F** is a High-Frequency Surface Mount Device (SMD) Wire-Wound Inductor. It is commonly used in RF (Radio Frequency) circuits due to its precision and high Q factor. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's specifications: | Segment | Meaning | Detail | | :--- | :--- | :--- | | **SCI** | Series Prefix | Signal Chip Inductor (Wire-wound) | | **0805** | Case Size | 0.08 x 0.05 inches (2.0 x 1.25 mm) | | **S** | Standard | Standard profile/material type | | **R11** | Inductance Value | R11 = 0.11 µH (or 110 nH) | | **F** | Tolerance | ±1% (High Precision) | --- ### 2. Key Technical Specifications These parameters define how the inductor performs within an electronic circuit: * **Inductance:** 110 nH (nanohenries). * **Tolerance:** ±1% (Indicates very high precision, suitable for tuning circuits). * **Quality Factor (Q min):** Typically > 30-50 at specific frequencies, ensuring low energy loss. * **Self-Resonant Frequency (SRF):** High SRF, usually above 1000 MHz, allowing it to function at high frequencies without becoming capacitive. * **DC Resistance (DCR):** Low resistance to minimize heat generation and voltage drop. * **Rated Current:** The maximum amount of DC current it can handle before saturation or overheating (typically in the range of 300mA to 600mA for this size). --- ### 3. Construction and Material The **Wire-Wound** construction is superior to multilayer inductors for specific applications: * **Ceramic Core:** Provides excellent thermal stability and a high SRF. * **Copper Wire:** Wound precisely around the core to achieve the 1% tolerance. * **Encapsulation:** Often coated with epoxy or a specialized resin for physical protection and pick-and-place machine compatibility. --- ### 4. Common Applications Due to its high precision and RF characteristics, the SCI0805S-R11F is found in: 1. **Wireless Communication:** Cell phones, Wi-Fi modules, and Bluetooth devices. 2. **Filter Networks:** Band-pass, high-pass, and low-pass filters. 3. **Impedance Matching:** Matching the output of a power amplifier to an antenna. 4. **Oscillators:** Used in VCO (Voltage Controlled Oscillator) circuits for frequency stability. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor in RF circuits?
    • ⤷ How does the tolerance 'F' (1%) affect the manufacturing cost and performance?
    • ⤷ What are the soldering temperature profiles recommended for 0805 SMD components?