SCEP125U-R30
AI

### Overview of SCEP125U-R30
The **SCEP125U-R30** is a high-current, surface-mount (SMD) power inductor. It is part of the SCEP125 series manufactured by **Sumida**, widely known for its high efficiency and shielded construction, making it ideal for high-density power applications.
---
### Technical Specifications
The following table details the key electrical and physical characteristics of the SCEP125U-R30:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.3 µH |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | 1.10 mΩ (Max) / 0.90 mΩ (Typ) |
| **Saturation Current (Isat)** | ~32.0 A (at 20°C) |
| **Temperature Rise Current (Irms)** | ~22.0 A |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions (L x W x H)** | 12.9 mm x 12.9 mm x 6.0 mm |
---
### Key Features
1. **Magnetic Shielding:** The component is magnetically shielded, which minimizes electromagnetic interference (EMI) with surrounding components—a critical feature for compact PCB designs.
2. **Low DCR:** The extremely low DC resistance (0.90 mΩ) ensures minimal power loss and reduced heat generation during operation.
3. **High Current Handling:** Designed to handle high saturation currents, preventing the inductor core from saturating during peak loads in DC-DC converters.
4. **Flat Wire Construction:** Often utilizes flat wire technology to maximize the cross-sectional area, further reducing resistance and improving thermal performance.
---
### Common Applications
The SCEP125U-R30 is typically found in high-performance electronics where power stability is paramount:
* **DC/DC Converters:** Used as a storage inductor in buck (step-down) or boost (step-up) regulators.
* **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery circuits for servers and gaming PCs.
* **Industrial Power Supplies:** Suitable for high-reliability industrial automation equipment.
* **Telecommunications:** Used in distributed power systems and base station equipment.
---
### Layout Recommendations
When integrating this part into a PCB design, consider the following:
* **Thermal Management:** Despite the low DCR, the high current levels can generate significant heat. Ensure large copper planes are connected to the pads to act as heat sinks.
* **EMI Shielding:** While the part is shielded, keep high-speed signal traces away from the area directly beneath the inductor to prevent noise coupling.
- ⤷
What are the equivalent alternatives to the Sumida SCEP125U-R30 from other manufacturers?
- ⤷ How does the saturation current change as the operating temperature increases for this specific inductor?
- ⤷ Can this inductor be used in automotive applications requiring AEC-Q200 qualification?