Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SCD40-D-R2

  • AI
    ## Overview of the SCD40-D-R2 The **SCD40-D-R2** is a high-precision, miniature CO2 sensor manufactured by Sensirion. It belongs to the SCD4x series and utilizes the **photoacoustic sensing principle**, allowing for a significant reduction in size without compromising sensitivity. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Sensing Technology** | Photoacoustic NDIR | | **CO2 Measurement Range** | 400 – 2,000 ppm (up to 40,000 ppm) | | **Accuracy** | ±(50 ppm + 5% of reading) | | **Supply Voltage (VDD)** | 2.4 V – 5.5 V | | **Average Current Consumption** | 3.2 mA (at 5 min measurement interval) | | **Peak Current** | 205 mA | | **Digital Interface** | I2C (Address 0x62) | | **Integrated Sensors** | Temperature and Humidity | --- ### 2. Physical and Pin Configuration The sensor is housed in a compact SMD (Surface Mount Device) package, measuring only **10.1 x 10.1 x 6.5 mm³**. #### Pinout Description | Pin Number | Name | Type | Description | | :--- | :--- | :--- | :--- | | 1 | VDD | Power | Supply voltage (2.4V - 5.5V) | | 2 | GND | Ground | Device ground | | 3 | SCL | Input | I2C Serial Clock (Max 400 kHz) | | 4 | SDA | I/O | I2C Serial Data | | 5-20 | NC | - | No Connect / Reserved | --- ### 3. Core Working Principle: Photoacoustic Sensing Unlike traditional NDIR (Non-Dispersive Infrared) sensors that require a long optical path, the SCD40 uses the photoacoustic effect: 1. **Infrared Light Emitter:** A narrow-band IR light is pulsed into the small measurement cell. 2. **Absorption:** CO2 molecules absorb the IR light, causing them to vibrate and heat up. 3. **Pressure Waves:** This periodic heating creates pressure changes (acoustic waves). 4. **Microphone Detection:** An integrated MEMS microphone detects these sound waves. The intensity of the sound is directly proportional to the CO2 concentration. --- ### 4. Application Circuit (Example) To integrate the SCD40 into a microcontroller project (like Arduino or ESP32), follow this basic wiring logic: ```cpp // Typical I2C connection for SCD40 // VDD -> 3.3V or 5V // GND -> GND // SCL -> SCL (with 4.7k - 10k Pull-up resistor) // SDA -> SDA (with 4.7k - 10k Pull-up resistor) #include #include SensirionI2CScd4x scd4x; void setup() { Wire.begin(); scd4x.begin(Wire); scd4x.startPeriodicMeasurement(); } ``` --- ### 5. Design Considerations * **Power Supply:** Because the sensor has a high peak current (205 mA) during the measurement pulse, ensure your power supply and decoupling capacitors can handle sudden surges. * **Thermal Decoupling:** Place the sensor away from heat sources (CPUs, power regulators) to ensure the integrated temperature and humidity readings are accurate. * **Pressure Compensation:** The SCD40 allows for ambient pressure compensation via I2C commands to maintain accuracy at different altitudes.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SCD40 and the SCD41 models?
    • ⤷ How does ambient pressure affect the CO2 readings in photoacoustic sensors?
    • ⤷ What is the recommended calibration frequency for the SCD40?