SC3BA6
AI

The **SC3BA6** is a high-performance **Silicon Power Rectifier Bridge** (specifically a 3-phase full-wave bridge rectifier) manufactured by Semtech. It is designed for military, aerospace, and high-reliability industrial applications.
---
### ## 1. Technical Specifications
The SC3BA6 is characterized by its compact, low-profile design and its ability to handle high power loads.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | 3-Phase Full-Wave Bridge Rectifier |
| **Peak Inverse Voltage (PIV)** | 600 Volts (per leg) |
| **Average Forward Current ($I_o$)** | 10 Amperes (at $T_C = 55^\circ C$) |
| **Peak Surge Current ($I_{fsm}$)** | 150 Amperes (for 8.3ms pulse) |
| **Reverse Recovery Time ($t_{rr}$)** | Standard Recovery |
| **Operating Temperature Range** | -55°C to +150°C |
---
### ## 2. Internal Construction & Design
The device consists of six individual silicon rectifier chips interconnected internally to form a bridge circuit.
* **Encapsulation:** The unit is typically encapsulated in a thermally conductive epoxy or a metal-cased package to ensure efficient heat dissipation.
* **Terminals:** It features heavy-duty terminals (usually turret or wire leads) designed for high-vibration environments.
* **Thermal Management:** The base of the component is flat, allowing it to be bolted directly to a heatsink or a metal chassis.
---
### ## 3. Key Applications
Because of its high reliability and "Military Standard" quality, the SC3BA6 is used in specific high-stakes environments:
1. **Aerospace Power Supplies:** Used in 400Hz airborne power systems.
2. **Motor Controllers:** Rectifying 3-phase AC into stable DC for industrial motor drives.
3. **Battery Charging Systems:** High-current charging stations for backup power.
4. **Military Communication Gear:** Ensuring robust power rectification in rugged field equipment.
---
### ## 4. Connection Diagram (Internal Logic)
The 3-phase bridge circuit takes three AC inputs ($L1, L2, L3$) and provides two DC outputs ($+, -$).
```text
AC (L1) ---|>|--- +
| |
AC (L2) ---|>|---| (Positive DC Output)
| |
AC (L3) ---|>|---|
| |
AC (L1) ---|<|--- -
| |
AC (L2) ---|<|---| (Negative DC Output)
| |
AC (L3) ---|<|--- -
```
- ⤷What are the equivalent alternative part numbers for the SC3BA6?
- ⤷ How do you calculate the required heatsink size for this rectifier?
- ⤷ Does the SC3BA6 come in a 'Fast Recovery' version?