Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SB360L-SMC-R

  • AI
    ## Electronic Component Overview: SB360L-SMC-R The **SB360L-SMC-R** is a low-voltage Schottky barrier rectifier designed for high-efficiency power management. It is primarily used in applications requiring low power loss and fast switching speeds. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics of the SB360L-SMC-R: | Parameter | Value | Description | | :--- | :--- | :--- | | **Peak Repetitive Reverse Voltage ($V_{RRM}$)** | 60V | The maximum voltage it can handle in reverse. | | **Average Rectified Forward Current ($I_{F(AV)}$)** | 3.0A | The maximum average current it can conduct. | | **Forward Voltage Drop ($V_{F}$)** | ~0.70V | Low voltage drop compared to standard diodes. | | **Package Type** | DO-214AB (SMC) | A surface-mount plastic package. | | **Operating Temperature** | -55°C to +150°C | Suitable for industrial environments. | --- ### 2. Functional Characteristics * **Schottky Barrier Technology:** Unlike standard silicon diodes, it uses a metal-semiconductor junction, resulting in a very low forward voltage drop and ultra-fast recovery times. * **High Surge Capacity:** Designed to handle high-current surges during startup or switching cycles. * **Low Power Loss:** Because the $V_F$ is low, the component generates less heat, increasing the overall efficiency of the power supply. --- ### 3. Common Applications This part is typically found in: 1. **Switching Power Supplies (SMPS):** Used for rectification in high-frequency DC/DC converters. 2. **Freewheeling Diodes:** Protects circuits from voltage spikes generated by inductive loads (motors, relays). 3. **Polarity Protection:** Prevents damage to a circuit if the battery or power source is connected backwards. --- ### 4. Typical Footprint (SMC) The "SMC" in the part number refers to the **DO-214AB** surface-mount package. ```markdown +-------------------+ | (Cathode) | <-- Identified by a band | _________ | | | | | | | SB360L | | | |_________| | | | +-------------------+ ``` ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'L' and standard versions of this diode?
    • ⤷ How does the SMC package compare to the SMA or SMB packages in terms of heat dissipation?
    • ⤷ What is the maximum surge current (IFSM) for the SB360L?