SB340G-SMB-R
AI

The **SB340G-SMB-R** is a specific part number for a Schottky Barrier Rectifier diode. It is commonly used in power management circuits due to its high efficiency and fast switching speeds.
### 1. Part Number Breakdown
The naming convention typically follows this logic:
* **SB:** Schottky Barrier (Type of diode).
* **3:** Current rating (3 Amperes).
* **40:** Voltage rating (40 Volts).
* **G:** Green (Halogen-free/Lead-free materials).
* **SMB:** Package type (Surface Mount Device).
* **R:** Tape and Reel packaging.
---
### 2. Technical Specifications
Below are the primary electronic characteristics of the SB340G:
| Parameter | Specification | Description |
| :--- | :--- | :--- |
| **Maximum Repetitive Reverse Voltage ($V_{RRM}$)** | 40 V | Max voltage the diode can block in reverse. |
| **Maximum Average Forward Current ($I_{F(AV)}$)** | 3.0 A | Maximum continuous current allowed. |
| **Peak Forward Surge Current ($I_{FSM}$)** | 80 A | Max current for a short duration (8.3ms). |
| **Maximum Forward Voltage ($V_F$)** | 0.50 V | Low voltage drop compared to standard diodes (~0.7V). |
| **Operating Temperature Range** | -55 to +150 °C | Wide thermal operating window. |
| **Package Style** | DO-214AA (SMB) | Surface mount plastic package. |
---
### 3. Key Electronic Features
* **Schottky Barrier Construction:** Unlike standard P-N junction diodes, these use a metal-to-semiconductor junction. This results in a much lower forward voltage drop and virtually zero recovery time.
* **Low Power Loss:** Because the forward voltage drop is low ($V_F \approx 0.5V$), the heat dissipated by the diode is minimized, improving overall circuit efficiency.
* **Guard Ring for Stress Protection:** Most "G" versions include an internal guard ring that protects the diode from transient over-voltages and ESD.
---
### 4. Common Applications
Due to its 3A / 40V rating, the SB340G-SMB-R is frequently found in:
1. **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators.
2. **Polarity Protection:** Preventing damage if a battery or power source is connected backward.
3. **Low Voltage Rectification:** Converting AC to DC in small power adapters.
4. **ORing Diodes:** In redundant power supply systems to prevent back-feeding.
---
### 5. Footprint Information
The **SMB (DO-214AA)** package is a standard SMD size. Ensure your PCB layout matches these general dimensions:
* **Length:** ~4.06mm - 4.70mm
* **Width:** ~3.30mm - 3.94mm
* **Height:** ~1.99mm - 2.61mm
- ⤷
What are the main differences between the SMB and SMC package versions of this diode?
- ⤷ Can this diode be used in a 48V system safely?
- ⤷ How does the forward voltage drop change as the operating temperature increases?