Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SB240G-SMB-R

  • AI
    The **SB240G-SMB-R** is a specific part number for a **Schottky Barrier Rectifier Diode** manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is widely used in power management circuits due to its low forward voltage drop and fast switching speed. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the SB240G-SMB-R: | Parameter | Specification | | :--- | :--- | | **Component Type** | Schottky Barrier Rectifier | | **Package Type** | SMB (DO-214AA) | | **Max. Repetitive Reverse Voltage ($V_{RRM}$)** | 40V | | **Max. Average Forward Current ($I_{F(AV)}$)** | 2.0A | | **Max. Forward Voltage Drop ($V_F$)** | 0.50V (at 2A) | | **Peak Forward Surge Current ($I_{FSM}$)** | 50A (8.3ms single half sine-wave) | | **Operating Temperature Range** | -55°C to +150°C | | **Halogen Status** | Halogen-Free ("G" suffix) | --- ## 2. Part Number Breakdown Understanding the nomenclature helps in identifying the variant: * **SB**: Schottky Barrier. * **240**: Indicates **2** Amperes and **40** Volts. * **G**: Stands for **Halogen-free** and RoHS compliant. * **SMB**: Refers to the **Surface Mount Device (SMD)** package size. * **R**: Indicates **Tape and Reel** packaging for automated assembly. --- ## 3. Key Features and Benefits * **Low Power Loss:** The low forward voltage ($V_F$) ensures high efficiency and minimal heat generation. * **High Speed:** Being a Schottky diode, it has negligible reverse recovery time, making it ideal for high-frequency switching. * **Guard Ring Construction:** Includes a guard ring for transient protection and high reliability. * **Surface Mount Design:** The SMB package is compact, making it suitable for modern, space-constrained PCB designs. --- ## 4. Common Applications The SB240G-SMB-R is typically used in the following circuits: 1. **DC-DC Converters:** Used as a freewheeling diode in buck or boost regulators. 2. **Reverse Polarity Protection:** Protects sensitive electronics from battery reversal. 3. **Low Voltage Rectification:** Ideal for high-frequency inverters and switch-mode power supplies (SMPS). 4. **Battery Charging:** Prevents discharge from the battery back into the source. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the SMB and SMA package versions of this diode?
    • ⤷ How does the forward voltage drop change with temperature in the SB240G?
    • ⤷ Can I use an SB340 as a replacement for the SB240G-SMB-R?