Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • SAB-R2010A

  • AI
    The **SAB-R2010A** is a specialized electronic module typically utilized in industrial automation, specifically within **SMC (SMC Corporation)** pneumatic and electric actuator systems. It serves as a fieldbus or communication gateway/interface module. --- ### 1. Technical Specifications Overview The electronic components within this module are designed to bridge the gap between high-level controllers (PLCs) and mechanical actuators. | Feature | Description | | :--- | :--- | | **Component Category** | Communication Gateway / Remote I/O | | **Input Voltage** | Typically 24V DC (Standard Industrial) | | **Communication Protocol** | Proprietary or standard fieldbus (depending on sub-variant) | | **Connection Type** | Multi-pin circular or D-sub connectors | | **Housing Material** | Polyamide / Industrial Grade Plastic (ESD safe) | --- ### 2. Key Electronic Internal Sub-systems The SAB-R2010A consists of several critical electronic layers: 1. **Microcontroller Unit (MCU):** * Acts as the "brain" of the module. * Processes incoming data packets from the PLC and converts them into physical switching signals for valves or motors. 2. **Signal Isolation (Optocouplers):** * Protects the sensitive internal logic circuits from high-voltage spikes or electrical noise generated by industrial motors/solenoids. 3. **Power Regulation Circuitry:** * Includes buck converters or linear regulators to step down the 24V DC input to 5V or 3.3V for internal IC operation. 4. **LED Diagnostic Array:** * Surface-mounted LEDs (SMD) that indicate power status, communication errors, and active I/O channels. --- ### 3. Functional Connectivity The module acts as a hub. Electronics are routed through a backplane or direct cabling to handle the following: * **Logic Side:** Low current, high-speed data transmission. * **Load Side:** Higher current switching for pneumatic manifold solenoids. ### 4. Common Applications * **Pneumatic Manifold Control:** Distributing electronic signals to a bank of air valves. * **Robotic End-Effectors:** Providing a compact interface for sensors and grippers at the end of a robotic arm. * **Automated Assembly Lines:** Acting as a node in a larger distributed control system. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout diagrams for the SAB-R2010A connector?
    • ⤷ How do I troubleshoot a 'Communication Error' light on this module?
    • ⤷ Is the SAB-R2010A compatible with EtherNet/IP or PROFINET protocols?