Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • S02-04-R

  • AI
    The **S02-04-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Test Point** or a **Shield Clip**, often manufactured by companies like **Harwin**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The S02-04-R is primarily designed for high-speed automated assembly. It serves as a mechanical interface on a Printed Circuit Board (PCB) to hold RFI (Radio Frequency Interference) shielding cans in place without the need for secondary soldering. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | RFI Shield Clip (Surface Mount) | | **Material** | Beryllium Copper | | **Finish** | Tin over Nickel | | **Mounting Style** | SMT (Surface Mount Technology) | | **Packaging** | Tape and Reel (indicated by the "-R") | | **Minimum Shield Thickness** | 0.13mm | | **Maximum Shield Thickness** | 0.23mm | --- ## 2. Electronic & Mechanical Functions The S02-04-R fulfills two primary roles in an electronic assembly: ### A. Electrical Grounding * **Low Resistance Path:** By clamping the metal shield can directly to the PCB ground plane, it ensures a low-impedance path to ground. * **EMI/RFI Suppression:** It forms a Faraday cage around sensitive components (like RF transceivers or CPUs) to prevent electromagnetic interference. ### B. Mechanical Retention * **Spring Action:** The Beryllium Copper material provides high elasticity, allowing the clip to grip the shield firmly even after multiple insertion cycles. * **Side-Entry/Top-Entry:** Depending on the board layout, these clips allow the shield to be "snapped" into place manually after the reflow soldering process is complete. --- ## 3. Advantages in PCB Design Using the S02-04-R instead of soldering a shield directly to the board offers several benefits: 1. **Maintenance:** The shield can be removed to inspect or repair components without using a soldering iron, reducing the risk of heat damage. 2. **Manufacturing Speed:** Because it comes in "Tape and Reel" packaging, it can be placed by standard Pick-and-Place machines just like a resistor or capacitor. 3. **Stress Reduction:** It eliminates the thermal stress and potential warping caused by soldering large metal "fences" or cans to the PCB. --- ## 4. Footprint and Soldering The part is designed for **Reflow Soldering**. The pads on the PCB should be slightly larger than the component base to ensure a strong solder fillet. ```markdown Recommended Pad Dimensions (Approximate): - Length: 2.0mm - Width: 1.0mm - Gap between pads: Varies by shield dimensions ```
    ✨ Follow-up Questions
    • ⤷ What are the recommended reflow temperature profiles for Beryllium Copper clips?
    • ⤷ Can the S02-04-R be used for power grounding or only for RFI shielding?
    • ⤷ What are the common alternatives to the Harwin S02-04-R?