Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RTZ-10V152MJHTQ-R5

  • AI
    The part number **RTZ-10V152MJHTQ-R5** refers to a specific **Aluminum Electrolytic Capacitor**. Based on standard naming conventions for high-quality electronic components (often associated with manufacturers like Elna or similar Japanese standards), here is the detailed breakdown. --- ### 1. Technical Specifications | Parameter | Specification | Details | | :--- | :--- | :--- | | **Component Type** | Aluminum Electrolytic Capacitor | Polarized energy storage component. | | **Series** | RTZ | Usually denotes a Low Impedance / High Reliability series. | | **Capacitance** | 1500 µF | Indicated by "152" (15 followed by two zeros). | | **Voltage Rating** | 10V DC | Maximum continuous operating voltage. | | **Case Size Code** | MJH | Refers to physical dimensions (e.g., 10x12.5mm or 10x16mm). | | **Tolerance** | ±20% | Standard "M" tolerance code. | | **Mounting Type** | Radial Lead | Through-hole mounting (THT). | --- ### 2. Part Number Breakdown The alphanumeric string can be decoded as follows: 1. **RTZ**: The **Series Name**. These are typically designed for high-frequency switching power supplies, offering low ESR (Equivalent Series Resistance). 2. **10V**: The **Rated Voltage**. This capacitor is safe to use in circuits operating at or below 10 Volts. 3. **152**: The **Capacitance Code**. In picofarads (pF), $15 \times 10^2 = 1,500,000,000$ pF, which equals **1500 µF**. 4. **M**: The **Tolerance**. Standard code for ±20%. 5. **JHT**: Internal manufacturer codes for **Lead Style** or **Packaging** specifics (e.g., long leads or specific cut/formed leads). 6. **Q-R5**: Often refers to **Environmental Compliance** (RoHS) and **Taping/Packaging** (e.g., Ammo pack or Reel). --- ### 3. Key Features and Applications #### Key Features: * **Low ESR:** Designed to handle ripple current efficiently without excessive heating. * **Long Life:** Often rated for 2,000 to 5,000 hours at their maximum temperature (usually 105°C). * **High Ripple Current:** Suitable for smoothing out power fluctuations. #### Common Applications: * **Motherboards/PCBs:** Voltage regulation modules. * **Switching Power Supplies (SMPS):** Output filtering. * **Consumer Electronics:** Audio/Video equipment power stages. * **DC-DC Converters:** Reducing noise in power rails. --- ### 4. Schematic Representation In a circuit diagram, this component is represented as a polarized capacitor: ```text + ---|(--- - 1500uF / 10V ```
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 105°C temperature rating for this capacitor series?
    • ⤷ How does the Low ESR property benefit a switching power supply?
    • ⤷ Can this 10V capacitor be used in a 12V automotive circuit?