Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

  • RTD-100V101MJHTQ-R5

  • AI
    ## Analysis of Component: RTD-100V101MJHTQ-R5 The part number **RTD-100V101MJHTQ-R5** refers to a high-reliability Aluminum Electrolytic Capacitor, typically manufactured by companies like **Man Yue (Samxon)** or similar specialized manufacturers. It is designed for high-temperature and high-voltage applications. --- ### 1. Part Number Breakdown Understanding each segment of the code reveals the electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **RTD** | Series Code | Indicates a specific series (usually Low ESR, High Temp). | | **100V** | Rated Voltage | Maximum operating voltage is **100 Volts DC**. | | **101** | Capacitance | **100 $\mu$F** (10 followed by 1 zero, in pF/$\mu$F units). | | **M** | Tolerance | **±20%** (standard industry tolerance). | | **JHT** | Size/Case Code | Specifies the physical dimensions (e.g., 10x12.5mm or similar). | | **Q-R5** | Packaging/Special | Tape and Reel or specific lead spacing/length requirements. | --- ### 2. Technical Specifications These components are typically used in power supplies and industrial electronics. * **Capacitance:** 100 $\mu$F * **Voltage Rating:** 100V DC * **Temperature Range:** Often rated for **-40°C to +125°C** (RTD series is typically extended temperature). * **Mounting Type:** Radial Through-Hole. * **Lifetime:** Usually 2,000 to 5,000 hours at maximum rated temperature. --- ### 3. Core Electronic Functions As an electrolytic capacitor, this part serves three primary roles in a circuit: 1. **Filtering:** Smoothing out ripple voltage in AC-to-DC power converters. 2. **Energy Storage:** Providing a local reservoir of energy to handle sudden spikes in current demand. 3. **Decoupling:** Blocking DC signals while allowing AC signals to pass between circuit stages. --- ### 4. Implementation Example In a typical DC-DC Buck Converter circuit, this capacitor would be placed at the output stage to stabilize the 100V line. ```cpp // Pseudocode representation of monitoring a capacitor's state // via an Analog-to-Digital Converter (ADC) float checkVoltage(int pin) { int rawValue = analogRead(pin); // Convert raw ADC value to actual voltage float voltage = (rawValue / 1024.0) * ReferenceVoltage; if (voltage > 100.0) { triggerOvervoltageAlarm(); } return voltage; } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact physical dimension (case size) associated with the JHT code?
    • ⤷ What is the Ripple Current rating for this specific RTD series capacitor?
    • ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200 qualification?